Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGAP1ASTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGAP1ASTR
Description  Automotive galvanically isolated advanced single gate driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP1ASTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGAP1ASTR Datasheet HTML 16Page - STMicroelectronics STGAP1ASTR Datasheet HTML 17Page - STMicroelectronics STGAP1ASTR Datasheet HTML 18Page - STMicroelectronics STGAP1ASTR Datasheet HTML 19Page - STMicroelectronics STGAP1ASTR Datasheet HTML 20Page - STMicroelectronics STGAP1ASTR Datasheet HTML 21Page - STMicroelectronics STGAP1ASTR Datasheet HTML 22Page - STMicroelectronics STGAP1ASTR Datasheet HTML 23Page - STMicroelectronics STGAP1ASTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
Electrical characteristics
STGAP1AS
20/70
DocID029344 Rev 2
SPI(1)
tCKmax
5
Maximum SPI clock
frequency
-5
-
-
MHz
trCK
tfCK
SPI clock rise and fall
time
CL = 30 pF
-
-
25
ns
thCK
tlCK
SPI clock high and low
time
-75
-
-
ns
tsetCS
4
CS setup time
-
350
-
-
ns
tholCS
CS hold time
-
10
-
-
ns
tdesCS
CS deselect time(3)
Local register read
800
-
-
ns
Remote register read
30
-
-
µs
Start configuration
22
-
-
Stop configuration
5
-
-
Reset status register
50
--
--
Any other command
700
-
-
ns
tsetSDI
3
SDI setup time
-
25
-
-
ns
tholSDI
SDI hold time
-
20
-
-
ns
tenSDO
2
SDO enable time
-
-
38
ns
tdisSDO
SDO disable time
-
-
47
ns
tvSDO
SDO valid time
-
-
57
ns
tholSDO
SDO hold time
-
37
-
-
ns
tSDLCSL
4,11
SD falling to CS falling
-
350
-
-
ns
tCSHSDH
4,11
CS rising to SD rising
-
350
-
-
ns
1. Characterization data, not tested in production.
2. The actual waiting time depends on the gate charge size.
3.
See Table 22 on page 52 and Section 9.1.3 on page 50.
Table 6. DC operation electrical characteristics
(Tj = -40 to 125 °C, VDD = 5 V; VH = 15 V, VL = GNDISO) (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com