Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 20Page - Microchip Technology MIC4102 Datasheet HTML 21Page - Microchip Technology MIC4102 Datasheet HTML 22Page - Microchip Technology MIC4102 Datasheet HTML 23Page - Microchip Technology MIC4102 Datasheet HTML 24Page - Microchip Technology MIC4102 Datasheet HTML 25Page - Microchip Technology MIC4102 Datasheet HTML 26Page - Microchip Technology MIC4102 Datasheet HTML 27Page - Microchip Technology MIC4102 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 25
MIC4102
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
MIC4102YM:
100V Half-Bridge MOS-
FET Driver with Anti-
Shoot-Through Protection,
–40°C to +125°C Temp.
Range, SOIC-8L Package,
95/Tube
b)
MIC4102YM-TR:
100V Half-Bridge MOS-
FET Driver with Anti-
Shoot-Through Protec-
tion, –40°C to +125°C
Temp. Range, SOIC-8L
Package, 2,500/Reel
PART NO.
X
Package
Device
Device:
MIC4102:
100V Half-Bridge MOSFET Driver with
Anti-Shoot-Through Protection
Temperature:
Y
=
–40°C to +125°C
Package:
M=
SOIC-8L
Media Type:
(blank) = 95/Tube
TR
= 2,500/Reel
X
Temperature
XX
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com