Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4102 Datasheet HTML 1Page - Microchip Technology MIC4102 Datasheet HTML 2Page - Microchip Technology MIC4102 Datasheet HTML 3Page - Microchip Technology MIC4102 Datasheet HTML 4Page - Microchip Technology MIC4102 Datasheet HTML 5Page - Microchip Technology MIC4102 Datasheet HTML 6Page - Microchip Technology MIC4102 Datasheet HTML 7Page - Microchip Technology MIC4102 Datasheet HTML 8Page - Microchip Technology MIC4102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MIC4102
DS20005575A-page 4
 2016 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = +25°C; unless noted.
Bold
values are valid for –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
VDD Quiescent Current
IDD
—150
450
µA
PWM = 0V
——
600
VDD Operating Current
IDDO
—3
3.5
mA
f = 500 kHz
——
4.0
Total HB Quiescent Current
IHB
—25
150
µA
PWM = 0V
——
200
Total HB Operating Current
IHBO
—1.5
2.5
mA
f = 500 kHz
——
3
HB to VSS Quiescent Current
IHBS
—0.05
1
µA
VHS = VHB = 110V
——
30
Input Pins (TTL)
Low Level Input Voltage Threshold
VIL
0.8
1.5
—
V
—
High Level Input Voltage Threshold VIH
—1.5
2.2
V—
Input Pull-Down Resistance
RI
100
200
500
kΩ
—
Undervoltage Protection
VDD Rising Threshold
VDDR
6.5
7.3
8.0
V—
VDD Threshold Hysteresis
VDDH
—0.5
—
V
—
HB Rising Threshold
VHBR
6.0
7.0
8.0
V
—
HB Threshold Hysteresis
VHBH
—0.4
—
V
—
Bootstrap Diode
Low-Current Forward Voltage
VDL
—0.4
0.55
VIVDD-HB = 100 µA
——
0.70
High-Current Forward Voltage
VDH
—0.7
0.8
VIVDD-HB = 100 mA
——
1.0
Dynamic Resistance
RD
—1.0
1.5
Ω
IVDD-HB = 100 mA
——
2.0
LO Gate Driver
Low Level Output Voltage
VOLL
—
0.18
0.3
VILO = 160 mA
——
0.4
High Level Output Voltage
VOHL
—
0.25
0.3
V
ILO = –100 mA,
VOHL = VDD – VLO
——
0.45
Peak Sink Current
IOHL
—3—
A
VLO = 0V
Peak Source Current
IOLL
—2—
A
VLO = 12V
Note 1:
Specification for packaged product only.
2:
All voltages relative to Pin 7, VSS, unless otherwise specified.
3:
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com