Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 7Page - Microchip Technology MIC4102 Datasheet HTML 8Page - Microchip Technology MIC4102 Datasheet HTML 9Page - Microchip Technology MIC4102 Datasheet HTML 10Page - Microchip Technology MIC4102 Datasheet HTML 11Page - Microchip Technology MIC4102 Datasheet HTML 12Page - Microchip Technology MIC4102 Datasheet HTML 13Page - Microchip Technology MIC4102 Datasheet HTML 14Page - Microchip Technology MIC4102 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 11
MIC4102
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
Package Type
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1VDD
Positive supply to lower gate drivers. Decouple this pin to VSS (Pin 7). Bootstrap diode
connected to HB (Pin 2).
2
HB
High-Side Bootstrap supply. External bootstrap capacitor is required. Connect positive
side of bootstrap capacitor to this pin. Bootstrap diode is on-chip.
3
HO
High-Side Output. Connect to gate of high-side power MOSFET.
4
HS
High-Side Source connection. Connect to source of high-side power MOSFET.
Connect negative side of bootstrap capacitor to this pin.
5
PWM
Control Input. PWM high signal makes high-side HO output high and low-side LO
output low. PWM low signal makes high-side HO output low and low-side LO output
high.
6
LS
Low-Side Disable. When pulled low, this control signal immediately terminates the
low-side LO output drive. The low-side LO output drive will remain low until this signal
is removed. HS drive is not affected by the LS signal. The logic table is below (see
Table 3-2).
7VSS
Chip negative supply. Generally, this will be grounded.
8
LO
Low-Side Output. Connect to gate of low-side power MOSFET.
MIC4102
SOIC-8L (M)
(Top View)
1
VDD
HB
HO
HS
8LO
VSS
LS
PWM
7
6
5
2
3
4
TABLE 3-2:
LS PIN LOGIC TABLE
LS
PWM
LO
HO
0000
0101
1010
1101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com