Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 2Page - Microchip Technology MIC4102 Datasheet HTML 3Page - Microchip Technology MIC4102 Datasheet HTML 4Page - Microchip Technology MIC4102 Datasheet HTML 5Page - Microchip Technology MIC4102 Datasheet HTML 6Page - Microchip Technology MIC4102 Datasheet HTML 7Page - Microchip Technology MIC4102 Datasheet HTML 8Page - Microchip Technology MIC4102 Datasheet HTML 9Page - Microchip Technology MIC4102 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MIC4102
DS20005575A-page 6
 2016 Microchip Technology Inc.
Minimum Input Pulse Width that
changes the output with LS = 0V
tPW
—13
20
ns
CL = 0, Note 3
Minimum Output Pulse Width on
HO with min pulse width on PWM
with LS = 0V
——
20
—
—
CL = 0, Note 3
Bootstrap Diode Turn-On or
Turn-Off Time
tBS
—10—
ns
—
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = +25°C; unless noted.
Bold
values are valid for –40°C ≤ TJ ≤ +125°C. (Note 1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Specification for packaged product only.
2:
All voltages relative to Pin 7, VSS, unless otherwise specified.
3:
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com