Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4102 Datasheet HTML 1Page - Microchip Technology MIC4102 Datasheet HTML 2Page - Microchip Technology MIC4102 Datasheet HTML 3Page - Microchip Technology MIC4102 Datasheet HTML 4Page - Microchip Technology MIC4102 Datasheet HTML 5Page - Microchip Technology MIC4102 Datasheet HTML 6Page - Microchip Technology MIC4102 Datasheet HTML 7Page - Microchip Technology MIC4102 Datasheet HTML 8Page - Microchip Technology MIC4102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 1
MIC4102
Features
• Drives High- and Low-Side N-Channel MOSFETs
with Single Input
• Adaptive Anti-Shoot-Through Protection
• Low-Side Drive Disable Pin
• Bootstrap Supply Voltage to 118V DC
• Supply Voltage up to 16V
• TTL Input Thresholds
• On-Chip Bootstrap Diode
• Fast 30 ns Propagation Times
• Drives 1000 pF Load with 10 ns Rise and Fall
Times
• Low Power Consumption
• Supply Undervoltage Protection
•2.5Ω Pull-Up, 1.5Ω Pull-Down Output Resistance
• Space Saving SOIC-8L Package
• –40°C to +125°C Junction Temperature Range
Applications
• High Voltage Buck Converters
• Networking/Telecom Power Supplies
• Automotive Power Supplies
• Current-Fed Push-Pull Power Topologies
• Ultrasonic Drivers
• Avionic Power Supplies
General Description
The MIC4102 is a high frequency, 100V half-bridge
MOSFET driver IC featuring internal anti-shoot-through
protection. The low-side and high-side gate drivers are
controlled by a single input signal to the PWM pin. The
MIC4102 implements adaptive anti-shoot-through
circuitry to optimize the switching transitions for
maximum efficiency. The single input control also
reduces system complexity and greatly simplifies the
overall design.
The MIC4102 also features a low-side drive disable
pin. This gives the MIC4102 the capability to operate in
a non-synchronous buck mode. This feature allows the
MIC4102 to start up into applications where a bias
voltage may already be present without pulling the
output voltage down.
Undervoltage protection on both the low-side and
high-side supplies forces the outputs low. An on-chip
bootstrap diode eliminates the discrete diode required
with other driver ICs.
The MIC4102 is available in the SOIC-8L package with
a junction operating range from –40°C to +125°C.
Typical Application Schematic
MIC4102
SOIC-8L
HI
MIC4102
PWM
CONTROLLER
LS
HO
HS
LO
HB
VDD
9V TO 16V BIAS
100V SUPPLY
GND
V
OUT
100V Half-Bridge MOSFET Driver
with Anti-Shoot-Through Protection


Similar Part No. - MIC4102

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Micrel Semiconductor
MIC4102BM MICREL-MIC4102BM Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
MIC GROUP RECTIFIERS
MIC4102BM MIC-MIC4102BM Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
MIC4102YM MIC-MIC4102YM Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
More results

Similar Description - MIC4102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
100V Half Bridge Driver
January 1996
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
logo
Infineon Technologies A...
IRS2890DS INFINEON-IRS2890DS Datasheet
718Kb / 26P
Half-Bridge Driver with Overcurrent Protection
Rev 1.0 2017-03-02
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com