Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 8Page - Microchip Technology MIC4102 Datasheet HTML 9Page - Microchip Technology MIC4102 Datasheet HTML 10Page - Microchip Technology MIC4102 Datasheet HTML 11Page - Microchip Technology MIC4102 Datasheet HTML 12Page - Microchip Technology MIC4102 Datasheet HTML 13Page - Microchip Technology MIC4102 Datasheet HTML 14Page - Microchip Technology MIC4102 Datasheet HTML 15Page - Microchip Technology MIC4102 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MIC4102
DS20005575A-page 12
 2016 Microchip Technology Inc.
4.0
TIMING DIAGRAM
FIGURE 4-1:
MIC4102 Timing Diagram.
TABLE 4-1:
TIME POINTS AND ACTIONS FOR Figure 4-1
Time Point
Action
1-2
PWM signal goes high. This initiates the LO signal to go low. The delay between PWM high to
(VLO – 10%) is typically 30 ns (tLOOFF).
2-4
LO goes low. When LO reaches 1.7V (VLOOFF) the low-side MOSFET is deemed to be off. The
high-side output HO then goes high. The delay between 3 and 4 is typically 30 ns (THOON); this
allows for large turn off delay times of MOSFETs.
5-7
PWM goes low; HO goes low, typically within 45 ns, tHOOFF. The switch node (HS pin) is then
monitored; when the switch node is VDD – 2.5V (VSWTH) the high-side MOSFET is deemed to be
off and the LO output goes high within typically 30 ns (tLOON). This is controlled by a one shot
and remains high until PWM goes high. This is because it is possible to have the SW node
oscillate, and could easily bounce through 10V level. If the LO high transition has not happened
within 250 ns, it is forced to happen, unless the LS input is low.
8-10
If at any time after 7 has occurred and LS pin goes low, the LO output will turn off within 36 ns
(VLSOFF). HO will remain off. The LS pin overrides all shoot-through control logic. If LS is low at
the start of the next cycle when PWM signal goes high then HO shall switch transition 1-4 as
normal. (i.e. PWM signal equals HO output, LO = 0V).
t
LOOFF
30ns
60ns
PWM
LS
Switchnode
(HSPin)
LO
HO
1
2
3 V
LOOFF < 1.7V
4
5
6
7 V
SWth < (VDD – 2.5V)
8
9
10
t
HOON
30ns
60ns
t
HOOFF
45ns
70ns
t
LOON
30ns
70ns
t
LSOFF
36ns
70ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com