Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 13Page - Microchip Technology MIC4102 Datasheet HTML 14Page - Microchip Technology MIC4102 Datasheet HTML 15Page - Microchip Technology MIC4102 Datasheet HTML 16Page - Microchip Technology MIC4102 Datasheet HTML 17Page - Microchip Technology MIC4102 Datasheet HTML 18Page - Microchip Technology MIC4102 Datasheet HTML 19Page - Microchip Technology MIC4102 Datasheet HTML 20Page - Microchip Technology MIC4102 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 17
MIC4102
The same energy is dissipated by ROFF, RG, and
RG_FET when the driver IC turns the MOSFET off.
EQUATION 6-10:
and
EQUATION 6-11:
The power dissipated inside the MIC4102 equals the
ratio of RON and ROFF to the external resistive losses in
RG and RG_FET. The power dissipated in the MIC4102
due to driving the external MOSFET is:
EQUATION 6-12:
6.5
Supply Current Power Dissipation
Power is dissipated in the MIC4102 even if there is
nothing being driven. The supply current is drawn by
the bias for the internal circuitry, the level shifting
circuitry, and shoot-through current in the output
drivers. The supply current is proportional to operating
frequency and the VDD and VHB voltages. The typical
characteristic graphs show how supply current varies
with switching frequency and supply voltage.
The power dissipated by the MIC4102 due to supply
current is:
EQUATION 6-13:
6.6
Total Power Dissipation and
Thermal Considerations
Total power dissipation in the MIC4102 equals the
power dissipation caused by driving the external
MOSFETs, the supply current, and the internal
bootstrap diode.
EQUATION 6-14:
The die temperature may be calculated once the total
power dissipation is known.
EQUATION 6-15:
6.7
Anti-Shoot-Through, Propagation
Delay, and Other Timing
Considerations
The block diagram on page two illustrates how the
MIC4102 drives the power stage of a synchronous
buck converter. It is important that only one of the two
MOSFETs is on at any given time. If both MOSFETs are
simultaneously on, they will short VIN to ground,
causing high current from the VIN supply to “shoot
through” the MOSFETs and into ground. Excessive
shoot-through causes higher power dissipation in the
MOSFETs, voltage spikes, and ringing in the circuit.
The high current and voltage ringing generate
conducted and radiated EMI.
Minimizing shoot-through can be done passively,
actively, or though a combination of both. Passive
shoot-through protection uses delays between the high
and low gate drivers to prevent both MOSFETs from
being on at the same time. These delays can be
adjusted for different applications. Although simple, the
E
driver
1
2
---
Q
G
V
GS
=
Where:
Edriver
Energy Dissipated during Turn-On
or Turn-Off
P
driver
1
2
---
Q
G
V
GS
f
S
=
Where:
Pdriver
Power Dissipated during Turn-On
or Turn-Off
QG
Total Gate Charge at VGS
VGS
Gate-to-Source Voltage on the
MOSFET
fS
Switching Frequency of the Gate
Drive Circuit
Pdiss
drive
P
driver
R
ON
R
ON
R
G
R
G_FET
++
-------------------------------------------------
P
driver
R
OFF
R
OFF
R
G
R
G_FET
++
----------------------------------------------------
+
=
Pdiss
supply
V
DD
I
DD
V
HB
+
I
HB
=
Pdiss
total
Pdiss
supply
Pdiss
drive
Pdiode
total
++
=
T
J
T
A
Pdiss
total
+
JA
=
Where:
TJ
Junction Temperature
TA
Maximum Ambient Temperature
Pdisstotal
Power Dissipation of the MIC4102
θJA
Thermal Resistance from Junction
to Ambient Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com