Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 14Page - Microchip Technology MIC4102 Datasheet HTML 15Page - Microchip Technology MIC4102 Datasheet HTML 16Page - Microchip Technology MIC4102 Datasheet HTML 17Page - Microchip Technology MIC4102 Datasheet HTML 18Page - Microchip Technology MIC4102 Datasheet HTML 19Page - Microchip Technology MIC4102 Datasheet HTML 20Page - Microchip Technology MIC4102 Datasheet HTML 21Page - Microchip Technology MIC4102 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MIC4102
DS20005575A-page 18
 2016 Microchip Technology Inc.
disadvantage of this approach is the long delays
required to account for process and temperature
variations in the MOSFET and the MOSFET driver.
Active shoot-though monitors voltages on the gate
drive outputs and switch node to determine when to
switch the MOSFETs on and off. This active approach
adjusts the delays to account for some of the
variations, but it also has its disadvantages. High
currents and fast switching voltages in the gate drive
and return paths can cause parasitic ringing that may
turn the MOSFETs back on even though the gate driver
output is low. Another disadvantage is that the driver
cannot monitor the gate voltage inside the MOSFET.
Figure 6-4 shows an equivalent circuit, including
parasitics, of the gate driver section. The internal gate
resistance (RG_GATE) and any external damping
resistor (RG) isolate the MOSFET’s gate from the driver
output. There is a delay between when the driver
output goes low and the MOSFET turns off. This
turn-off delay is usually specified in the MOSFET data
sheet. This delay increases when an external damping
resistor is used.
FIGURE 6-4:
Gate Drive Circuit with
Parasitics.
The MIC4102 uses a combination of active sensing
and passive delay to ensure that both MOSFETs are
not on at the same time and to minimize shoot-through
current. The timing diagram helps illustrate how the
anti-shoot-through circuitry works. A high level on the
PWM pin causes the LO pin to go low. The MIC4102
monitors the LO pin voltage and prevents the HO pin
from turning on until the voltage on the LO pin reaches
the VLOOFF threshold. After a short delay, the MIC4102
drives the HO pin high. Monitoring the LO voltage
eliminates any excessive delay due to the MOSFET
drivers turn-off time and the short delay accounts for
the MOSFET turn-off delay as well as letting the LO pin
voltage settle out. An external resistor between the LO
output and the MOSFET may affect the performance of
the LO pin monitoring circuit and is not recommended.
A low on the PWM pin causes the HO pin to go low after
a short delay (tHOOFF). Before the LO pin can go high,
the voltage on the switching node (HS pin) must have
dropped to 2.5V below the VDD voltage. Monitoring the
switch voltage instead of the HO pin voltage eliminates
timing variations and excessive delays due to the high
side MOSFET turn-off. The LO driver turns on after a
short delay (tLOON). Once the LO driver is turned on, it
is latched on until the PWM signal goes high. This
prevents any ringing or oscillations on the switch node
or HS pin from turning off the LO driver. If the PWM pin
goes low and the voltage on the HS pin does not cross
the VSWth threshold, the LO pin will be forced high after
a short delay (tSWTO), ensuring proper operation.
Fast propagation delay between the input and output
drive waveform is desirable. It improves overcurrent
protection by decreasing the response time between
the control signal and the MOSFET gate drive.
Minimizing propagation delay also minimizes phase
shift errors in power supplies with wide bandwidth
control loops.
Care must be taken to ensure the input signal pulse
width is greater than the minimum specified pulse
width. An input signal that is less than the minimum
pulse width may result in no output pulse or an output
pulse whose width is significantly less than the input.
The maximum duty cycle (ratio of high-side on-time to
switching period) is determined by the time required for
the CB capacitor to charge during the off-time.
Adequate time must be allowed for the CB capacitor to
charge up before the high-side driver is turned back on.
The anti-shoot-through circuit in the MIC4102 prevents
the driver from turning both MOSFETs on at the same
time;
however,
other
factors
outside
of
the
anti-shoot-through
circuit’s
control
can
cause
shoot-through. Some of these include ringing on the
gate drive node and capacitive coupling of the
switching node voltage on the gate of the low-side
MOSFET.
6.8
Decoupling and Bootstrap
Capacitor Selection
Decoupling capacitors are required for both the
low-side (VDD) and high-side (HB) supply pins. These
capacitors supply the charge necessary to drive the
external MOSFETs as well as minimize the voltage
ripple on these pins. The capacitor from HB to HS
serves double duty by providing decoupling for the
high-side circuitry as well as providing current to the
high-side circuit while the high-side external MOSFET
is on. Ceramic capacitors are recommended because
of their low impedance and small size. Z5U type
ceramic capacitor dielectrics are not recommended
due to the large change in capacitance over
HS
HB
HO
HS FET
V
DD
R
G
R
G_FET
R
ON
R
OFF
C
GD
C
GS
LO
R
G_FET
C
GD
C
GS
V
IN
LS FET
R
ON
R
OFF
V
SS
SWITCHING
NODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com