Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 20 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 16Page - Microchip Technology MIC4102 Datasheet HTML 17Page - Microchip Technology MIC4102 Datasheet HTML 18Page - Microchip Technology MIC4102 Datasheet HTML 19Page - Microchip Technology MIC4102 Datasheet HTML 20Page - Microchip Technology MIC4102 Datasheet HTML 21Page - Microchip Technology MIC4102 Datasheet HTML 22Page - Microchip Technology MIC4102 Datasheet HTML 23Page - Microchip Technology MIC4102 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
MIC4102
DS20005575A-page 20
 2016 Microchip Technology Inc.
FIGURE 6-6:
Turn-Off Current Paths.
The following circuit guidelines should be adhered to
for optimum circuit performance:
•The VDD and HB bypass capacitors must be
placed close to the supply and ground pins. It is
critical that the etch length between the high side
decoupling capacitor (CB) and the HB and HS
pins be minimized to reduce lead inductance.
• A ground plane should be used to minimize
parasitic inductance and impedance of the return
paths. The MIC4102 is capable of greater than 3A
peak currents. Any impedance between the
MIC4102, the decoupling capacitors, and the
external MOSFET will degrade the performance
of the driver.
• Trace out the high di/dt and dv/dt paths, as shown
in Figure 6-5 and Figure 6-6 to minimize the etch
length and loop area for these connections.
Minimizing these parameters decreases the
parasitic inductance and the radiated EMI
generated by fast rise and fall times.
A typical layout of a synchronous buck converter power
stage using the MIC4102 (Figure 6-7) is shown in
Figure 6-8.
FIGURE 6-7:
Typical Converter Power
Stage.
FIGURE 6-8:
Typical Layout of a
Synchronous Buck Converter Power Stage.
The circuit is configured as a synchronous buck power
stage. The high-side MOSFET drain connects to the
input supply voltage (drain) and the source connects to
the switching node. The low-side MOSFET drain
connects to the switching node and its source is
connected to ground. The buck converter output
inductor (not shown) would connect to the switching
node. The high-side drive trace, HO, is routed on top
of its return trace, HS, to minimize loop area and
parasitic inductance. The low-side drive trace, LO, is
routed over the ground plane and minimizes the
impedance of that current path. The decoupling
capacitors, CB and CVDD, are placed to minimize etch
length between the capacitors and their respective
pins. This close placement is necessary to efficiently
charge capacitor CB when the HS node is low. All
traces are 0.025” wide or greater to reduce impedance.
CIN is used to decouple the high current path through
the MOSFETs.
HS
HB
HO
V
DD
C
B
LEVEL
SHIFT
LS
PWM
V
SS
LO
C
VDD
LOW-SIDE DRIVE TURN-OFF
CURRENT PATH
HIGH-SIDE DRIVE
TURN-OFF CURRENT PATH
CHARGE C
B THROUGH
INTERNAL DIODE WHEN
HS PIN IS LOW
_
Q
FF
Q
V
HS
HB
HO
V
DD
C
B
LO
LEVEL
SHIFT
PWM
V
SS
V
IN
C
IN
C
VDD
HIGH-SIDE
FET
LOW-SIDE
FET
Q
FF_
Q
V
DD
HS
(SWITCH NODE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com