Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4102 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC4102
Description  100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4102 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC4102 Datasheet HTML 15Page - Microchip Technology MIC4102 Datasheet HTML 16Page - Microchip Technology MIC4102 Datasheet HTML 17Page - Microchip Technology MIC4102 Datasheet HTML 18Page - Microchip Technology MIC4102 Datasheet HTML 19Page - Microchip Technology MIC4102 Datasheet HTML 20Page - Microchip Technology MIC4102 Datasheet HTML 21Page - Microchip Technology MIC4102 Datasheet HTML 22Page - Microchip Technology MIC4102 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
 2016 Microchip Technology Inc.
DS20005575A-page 19
MIC4102
temperature and voltage. A minimum value of 0.1 µF is
required for each of the capacitors, regardless of the
MOSFETs being driven. Larger MOSFETs may require
larger capacitance values for proper operation. The
voltage rating of the capacitors depends on the supply
voltage, ambient temperature, and the voltage derating
used for reliability. 25V rated X5R or X7R ceramic
capacitors are recommended for most applications.
The minimum capacitance value should be increased if
low voltage capacitors are used because even good
quality dielectric capacitors, such as X5R, will lose 40%
to 70% of their capacitance value at the rated voltage.
Placement of the decoupling capacitors is critical. The
bypass capacitor for VDD should be placed as close as
possible between the VDD and VSS pins. The bypass
capacitor (CB) for the HB supply pin must be located as
close as possible between the HB and HS pins. The
etch connections must be short, wide, and direct. The
use of a ground plane to minimize connection
impedance is recommended. Refer to the section on
layout and component placement for more information.
The voltage on the bootstrap capacitor drops each time
it delivers charge to turn on the MOSFET. The voltage
drop depends on the gate charge required by the
MOSFET. Most MOSFET specifications specify gate
charge vs. VGS voltage. Based on this information and
a recommended ∆VHB of less than 0.1V, the minimum
value of bootstrap capacitance is calculated as:
EQUATION 6-16:
The decoupling capacitor for the VDD input may be
calculated in with the same formula; however, the two
capacitors are usually equal in value.
6.9
Grounding, Component
Placement, and Circuit Layout
Nanosecond switching speeds and ampere peak
currents in and around the MIC4102 driver require
proper placement and trace routing of all components.
Improper placement may cause degraded noise
immunity, false switching, excessive ringing, or circuit
latch-up.
Figure 6-5 shows the critical current paths when the
driver outputs go high and turn on the external
MOSFETs. It also shows the need for a low impedance
ground plane. The charge needed to turn-on the
MOSFET gates comes from the decoupling capacitors
CVDD and CB. Current in the low-side gate driver flows
from CVDD through the internal driver, into the MOSFET
gate, and out the source. The return connection back to
the decoupling capacitor is made through the ground
plane. Any inductance or resistance in the ground
return path causes a voltage spike or ringing to appear
on the source of the MOSFET. This voltage works
against the gate voltage and can either slow down or
turn off the MOSFET during the period where it should
be turned on.
Current in the high-side driver is sourced from
capacitor CB, flows into the HB pin, and out the HO pin,
into the gate of the high-side MOSFET. The return path
for the current is from the source of the MOSFET and
back to capacitor CB. The high-side circuit return path
usually does not have a low impedance ground plane,
so the etch connections in this critical path should be
short and wide to minimize parasitic inductance. As
with the low-side circuit, impedance between the
MOSFET source and the decoupling capacitor causes
negative voltage feedback that fights the turn-on of the
MOSFET.
It is important to note that capacitor CB must be placed
close to the HB and HS pins. This capacitor not only
provides all the energy for turn-on, but it must also keep
HB pin noise and ripple low for proper operation of the
high-side drive circuitry.
FIGURE 6-5:
Turn-On Current Paths.
Figure 6-6 shows the critical current paths when the
driver outputs go low and turn off the external
MOSFETs. Short, low impedance connections are
important during turn-off for the same reasons given in
the turn-on explanation. Current flowing through the
internal diode replenishes charge in the bootstrap
capacitor, CB.
C
B
Q
G
V
HB
--------------
Where:
QG
Total Gate Charge at VHB
∆VHB
Voltage Drop at the HB Pin
HS
HB
HO
V
DD
C
B
LS
PWM
V
SS
LO
C
VDD
GND
PLANE
GND
PLANE
LOW-SIDE DRIVE
TURN-ON
CURRENT PATH
HIGH-SIDE DRIVE
TURN-ON
CURRENT PATH
LEVEL
SHIFT
_
Q
FF
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com