Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 62 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 62 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 58Page - STMicroelectronics UPSD323X Datasheet HTML 59Page - STMicroelectronics UPSD323X Datasheet HTML 60Page - STMicroelectronics UPSD323X Datasheet HTML 61Page - STMicroelectronics UPSD323X Datasheet HTML 62Page - STMicroelectronics UPSD323X Datasheet HTML 63Page - STMicroelectronics UPSD323X Datasheet HTML 64Page - STMicroelectronics UPSD323X Datasheet HTML 65Page - STMicroelectronics UPSD323X Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 176 page
background image
µPSD323X
62/176
Baud Rates. The baud rate in Mode 0 is fixed:
Mode 0 Baud Rate = fosc / 12
The baud rate in Mode 2 depends on the value of
Bit SMOD = 0 (which is the value on reset), the
baud rate is 1/64 the oscillator frequency. If SMOD
= 1, the baud rate is 1/32 the oscillator frequency.
Mode 2 Baud Rate = (2
SMOD / 64) x fosc
In the
µPSD323X Devices, the baud rates in
Modes 1 and 3 are determined by the Timer 1
overflow rate.
Using Timer 1 to Generate Baud Rates. When
Timer 1 is used as the baud rate generator, the
baud rates in Modes 1 and 3 are determined by
the Timer 1 overflow rate and the value of SMOD
as follows (see:
Mode 1,3 Baud Rate = (2SMOD / 32) x (Timer 1
overflow Rate)
The Timer 1 interrupt should be disabled in this ap-
plication. The Timer itself can be configured for ei-
ther “timer” or “counter” operation, and in any of its
3 running modes. In the most typical applications,
it is configured for “timer” operation, in the Auto-re-
load Mode (high nibble of TMOD = 0010B). In that
case the baud rate is given by the formula:
Mode 1,3 Baud Rate = = (2SMOD / 32) x (fosc / 12
x [256 - (TH1)]
One can achieve very low baud rates with Timer 1
by leaving the Timer 1 interrupt enabled, and con-
figuring the Timer to run as a 16-bit timer (high nib-
ble of TMOD = 0001B), and using the Timer 1
interrupt to do a 16-bit software reload. Figure 22
lists various commonly used baud rates and how
they can be obtained from Timer 1.
Using Timer/Counter 2 to Generate Baud
Rates. In the
µPSD323X Devices, Timer 2 select-
ed as the baud rate generator by setting TCLK
and/or RCLK (see Figure 22, page 55 Timer/
Counter 2 Control Register (T2CON)).
Note: The baud rate for transmit and receive can
be simultaneously different. Setting RCLK and/or
TCLK puts Timer into its Baud Rate Generator
Mode.
The RCLK and TCLK Bits in the T2CON register
configure UART 1. The RCLK1 and TCLK1 Bits in
the PCON register configure UART 2.
The Baud Rate Generator Mode is similar to the
Auto-reload Mode, in that a roll over in TH2 causes
the Timer 2 registers to be reloaded with the 16-bit
value in registers RCAP2H and RCAP2L, which
are preset by software.
Now, the baud rates in Modes 1 and 3 are deter-
mined at Timer 2’s overflow rate as follows:
Mode 1,3 Baud Rate = Timer 2 Overflow Rate / 16
Table 45. Timer 1-Generated Commonly Used Baud Rates
Baud Rate
fOSC
SMOD
Timer 1
C/T
Mode
Reload Value
Mode 0 Max: 1MHz
12MHz
XXXX
Mode 2 Max: 375K
12MHz
1
X
X
X
Modes 1, 3: 62.5K
12MHz
1
0
2
FFh
19.2K
11.059MHz
1
0
2
FDh
9.6K
11.059MHz
0
0
2
FDh
4.8K
11.059MHz
0
0
2
FAh
2.4K
11.059MHz
0
0
2
F4h
1.2K
11.059MHz
0
0
2
E8h
137.5
11.059MHz
0
0
2
1Dh
110
6MHz
0
0
2
72h
110
12MHz
0
0
1
FEEBh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com