Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 12 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 8Page - STMicroelectronics UPSD323X Datasheet HTML 9Page - STMicroelectronics UPSD323X Datasheet HTML 10Page - STMicroelectronics UPSD323X Datasheet HTML 11Page - STMicroelectronics UPSD323X Datasheet HTML 12Page - STMicroelectronics UPSD323X Datasheet HTML 13Page - STMicroelectronics UPSD323X Datasheet HTML 14Page - STMicroelectronics UPSD323X Datasheet HTML 15Page - STMicroelectronics UPSD323X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 176 page
background image
µPSD323X
12/176
Table 1.
µPSD323X Devices Product Matrix
Figure 3. TQFP52 Connections
Note: 1. Pull-up resistor required on pin 5 (2k
Ω for 3V devices, 7.5kΩ for 5V devices) for all 52-pin devices, with or without USB function.
Part
No.
Main
Flash
(bit)
Sec.
Flash
(bit)
SRAM
(bit)
Macro
-Cells
I/O
Pins
PWM
Ch.
Timer
/ Ctr
UART
Ch.
I2C
ADC
Ch.
DDC
USB
VCC MHz Pins
uPSD
3234
A-40
2M
256K
64K
16
41 or
50
5
3
2
1
4
yes
yes
5V
40
52 or
80
uPSD
3234
BV-24
2M
256K
64K
16
50
5
3
2
1
4
yes
3V
24
80
uPSD
3233
B-40
1M
256K
64K
16
41 or
50
5
3
2
1
4
yes
5V
40
52 or
80
uPSD
3233
BV-24
1M
256K
64K
16
41 or
50
5
3
2
1
4
yes
3V
24
52 or
80
39 P1.5 / ADC1
38 P1.4 / ADC0
37 P1.3 / TXD1
36 P1.2 / RXD1
35 P1.1 / T2X
34 P1.0 / T2
33 VCC
32 XTAL2
31 XTAL1
30 P3.7 / SCL1
29 P3.6 / SDA1
28 P3.5 / T1
27 P3.4 / T0
PD1
PC7
PC6
PC5
USB–
PC4
USB+
VCC
GND
PC3
PC2
PC1
PC0
1
2
3
4
5(1)
6
7
8
9
10
11
12
13
AI05790C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com