Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 93 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 93 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 89Page - STMicroelectronics UPSD323X Datasheet HTML 90Page - STMicroelectronics UPSD323X Datasheet HTML 91Page - STMicroelectronics UPSD323X Datasheet HTML 92Page - STMicroelectronics UPSD323X Datasheet HTML 93Page - STMicroelectronics UPSD323X Datasheet HTML 94Page - STMicroelectronics UPSD323X Datasheet HTML 95Page - STMicroelectronics UPSD323X Datasheet HTML 96Page - STMicroelectronics UPSD323X Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 176 page
background image
93/176
µPSD323X
Table 69. USB Endpoint0 Transmit Control Register (UCON0: 0EAh)
Table 70. Description of the UCON0 Bits
76543210
TSEQ0
STALL0
TX0E
RX0E
TP0SIZ3
TP0SIZ2
TP0SIZ1
TP0SIZ0
Bit
Symbol
R/W
Function
7
TSEQ0
R/W
Endpoint0 Data Sequence Bit. (0=DATA0, 1=DATA1)
This bit determines which type of data packet (DATA0 or DATA1) will be
sent during the next IN transaction. Toggling of this bit must be controlled
by software. RESET clears this bit
6
STALL0
R/W
Endpoint0 Force Stall Bit.
This bit causes Endpoint 0 to return a STALL handshake when polled by
either an IN or OUT token by the USB Host Controller. The USB
hardware clears this bit when a SETUP token is received. RESET clears
this bit.
5
TX0E
R/W
Endpoint0 Transmit Enable.
This bit enables a transmit to occur when the USB Host Controller sends
an IN token to Endpoint 0. Software should set this bit when data is ready
to be transmitted. It must be cleared by software when no more Endpoint
0 data needs to be transmitted. If this bit is ’0’ or the TXD0F is set, the
USB will respond with a NAK handshake to any Endpoint 0 IN tokens.
RESET clears this bit.
4
RX0E
R/W
Endpoint0 receive enable.
This bit enables a receive to occur when the USB Host Controller sends
an OUT token to Endpoint 0. Software should set this bit when data is
ready to be received. It must be cleared by software when data cannot be
received. If this bit is ’0’ or the RXD0F is set, the USB will respond with a
NAK handshake to any Endpoint 0 OUT tokens. RESET clears this bit.
3to 0
TP0SIZ3 to
TP0SIZ0
R/W
The number of transmit data bytes. These bits are cleared by RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com