Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 46 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 42Page - STMicroelectronics UPSD323X Datasheet HTML 43Page - STMicroelectronics UPSD323X Datasheet HTML 44Page - STMicroelectronics UPSD323X Datasheet HTML 45Page - STMicroelectronics UPSD323X Datasheet HTML 46Page - STMicroelectronics UPSD323X Datasheet HTML 47Page - STMicroelectronics UPSD323X Datasheet HTML 48Page - STMicroelectronics UPSD323X Datasheet HTML 49Page - STMicroelectronics UPSD323X Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 176 page
background image
µPSD323X
46/176
I/O PORTS (MCU MODULE)
The MCU Module has five ports: Port0, Port1,
Port2, Port3 and Port 4. (Refer to the PSD Module
section on I/O ports A,B,C and D). Ports P0 and
P2 are dedicated for the external address and data
bus and is not available in the 80 pin package de-
vices.
Port1 - Port3 are the same as in the standard 8032
micro-controllers, with the exception of the addi-
tional special peripheral functions. All ports are bi-
directional. Pins of which the alternative function is
not used may be used as normal bi-directional I/O.
The use of Port1- Port4 pins as alternative func-
tions
are
carried
out
automatically
by
the
µPSD323X Devices provided the associated SFR
Bit is set HIGH.
The following SFR registers (Tables 29, 30, and
31) are used to control the mapping of alternate
functions onto the I/O port bits. Port 1 alternate
functions are controlled using the P1SFS register,
except for Timer 2 and the 2nd UART which are
enabled by their configuration registers. P1.0 to
P1.3 are default to GPIO after reset.
Port 3 pins 6 and 7 have been modified from the
standard 8032. These pins that were used for
READ and WRITE control signals are now GPIO
or I2C bus pins. The READ and WRITE pins are
assigned to dedicated pins.
Port 3 and Port 4 alternate functions are controlled
using the P3SFS and P4SFS Special Function Se-
lection registers. After a reset, the I/O pins default
to GPIO. The alternate function is enabled if the
corresponding bit in the PXSFS register is set to
’1.’
Table 28. I/O Port Functions
Table 29. P1SFS (91H)
Table 30. P3SFS (93H)
Table 31. P4SFS (94H)
Port Name
Main Function
Alternate
Port 1
GPIO
Timer 2 - Bits 0,1
2nd UART - Bits 2,3
ADC - Bits 4..7
Port 3
GPIO
UART - Bits 0,1
Interrupt - Bits 2,3
Timers - Bits 4,5
I2C - Bits 6,7
Port 4
GPIO
DDC - Bits 0..2
PWM - Bits 3..7
USB +/-
USB +/- Only
76543210
0=Port 1.7
1=ACH3
0=Port 1.6
1=ACH2
0=Port 1.5
1=ACH1
0=Port 1.4
1=ACH0
Bits Reserved
Bits Reserved
76543210
0 = Port 1.7
1 = SCL
from I2Cunit
0 = Port 1.6
1 = SDA
from I2C unit
Bits are reserved.
76543210
0=Port 4.7
1=PWM 4
0=Port 4.6
1=PWM 3
0=Port 4.5
1=PWM 2
0=Port 4.4
1=PWM 1
0=Port 4.3
1=PWM 0
0=Port 4.2
1=VSYNC
0=Port 4.1
1=DDC -
SCL
0=Port 4.0
1=DDC -
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com