Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 34 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 30Page - STMicroelectronics UPSD323X Datasheet HTML 31Page - STMicroelectronics UPSD323X Datasheet HTML 32Page - STMicroelectronics UPSD323X Datasheet HTML 33Page - STMicroelectronics UPSD323X Datasheet HTML 34Page - STMicroelectronics UPSD323X Datasheet HTML 35Page - STMicroelectronics UPSD323X Datasheet HTML 36Page - STMicroelectronics UPSD323X Datasheet HTML 37Page - STMicroelectronics UPSD323X Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 176 page
background image
µPSD323X
34/176
A2
PWM0
00
PWM0
Output Duty
Cycle
A3
PWM1
00
PWM1
Output Duty
Cycle
A4
PWM2
00
PWM2
Output Duty
Cycle
A5
PWM3
00
PWM3
Output Duty
Cycle
A6
WDRST
00
Watch Dog
Reset
A7
IEA
EDDC
ES2
EI2C
EUSB
00
Interrupt
Enable (2nd)
A8
IE
EA
-
ET2
ES
ET1
EX1
ET0
EX0
00
Interrupt
Enable
A9
AA
PWM4P
00
PWM 4
Period
AB
PWM4W
00
PWM 4
Pulse Width
AE
WDKEY
00
Watch Dog
Key Register
B0
P3
FF
Port 3
B1
PSCL0L
00
Prescaler 0
Low (8-bit)
B2
PSCL0H
00
Prescaler 0
High (8-bit)
B3
PSCL1L
00
Prescaler 1
Low (8-bit)
B4
PSCL1H
00
Prescaler 1
High (8-bit)
B7
IPA
PDDC
PS2
PI2C
PUSB
00
Interrupt
Priority (2nd)
B8
IP
PT2
PS
PT1
PX1
PT0
PX0
00
Interrupt
Priority
C0
P4
FF
New Port 4
C8
T2CON
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2
CP/RL2
00
Timer 2
Control
C9
T2MOD
DCEN
00
Timer 2
Mode
SFR
Addr
Reg Name
Bit Register Name
Reset
Value
Comments
7
6
5
4
321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com