Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 71 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 71 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 67Page - STMicroelectronics UPSD323X Datasheet HTML 68Page - STMicroelectronics UPSD323X Datasheet HTML 69Page - STMicroelectronics UPSD323X Datasheet HTML 70Page - STMicroelectronics UPSD323X Datasheet HTML 71Page - STMicroelectronics UPSD323X Datasheet HTML 72Page - STMicroelectronics UPSD323X Datasheet HTML 73Page - STMicroelectronics UPSD323X Datasheet HTML 74Page - STMicroelectronics UPSD323X Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 176 page
background image
71/176
µPSD323X
Table 46. ADC SFR Memory Map
Table 47. Description of the ACON Bits
Table 48. ADC Clock Input
SFR
Addr
Reg
Name
Bit Register Name
Reset
Value
Comments
7
6
54
321
0
95
ASCL
00
8-bit
Prescaler for
ADC clock
96
ADAT
ADAT7
ADAT6
ADAT5
ADAT4
ADAT3
ADAT2
ADAT1
ADAT0
00
ADC Data
Register
97
ACON
ADEN
ADS1
ADS0
ADST
ADSF
00
ADC Control
Register
Bit
Symbol
Function
7 to 6
—
Reserved
5
ADEN
ADC Enable Bit:
0 : ADC shut off and consumes no operating current
1 : enable ADC
4
—
Reserved
3to 2
ADS1, ADS0
Analog channel select
0, 0
Channel0 (ACH0)
0, 1
Channel1 (ACH1)
1, 0
Channel2 (ACH2)
1, 1
Channel3 (ACH3)
1
ADST
ADC Start Bit:
0 : force to zero
1 : start an ADC; after one cycle, bit is cleared to ’0’
0
ADSF
ADC Status Bit:
0 : A/D conversion is in process
1 : A/D conversion is completed, not in process
MCU Clock Frequency
Prescaler Register Value
ADC Clock
40MHz
2
6.7MHz
36MHz
2
6MHz
24MHz
1
6MHz
12MHz
0
6MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com