Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 72 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 72 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 68Page - STMicroelectronics UPSD323X Datasheet HTML 69Page - STMicroelectronics UPSD323X Datasheet HTML 70Page - STMicroelectronics UPSD323X Datasheet HTML 71Page - STMicroelectronics UPSD323X Datasheet HTML 72Page - STMicroelectronics UPSD323X Datasheet HTML 73Page - STMicroelectronics UPSD323X Datasheet HTML 74Page - STMicroelectronics UPSD323X Datasheet HTML 75Page - STMicroelectronics UPSD323X Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 176 page
background image
µPSD323X
72/176
PULSE WIDTH MODULATION (PWM)
The PWM block has the following features:
s
Four-channel, 8-bit PWM unit with 16-bit
prescaler
s
One-channel, 8-bit unit with programmable
frequency and pulse width
s
PWM Output with programmable polarity
4-channel PWM unit (PWM 0-3)
The 8-bit counter of a PWM counts module 256
(i.e., from 0 to 255, inclusive). The value held in
the 8-bit counter is compared to the contents of the
Special Function Register (PWM 0-3) of the corre-
sponding PWM. The polarity of the PWM outputs
is programmable and selected by the PWML Bit in
PWMCON register. Provided the contents of a
PWM 0-3 register is greater than the counter val-
ue, the corresponding PWM output is set HIGH
(with PWML = 0). When the contents of this regis-
ter is less than or equal to the counter value, the
corresponding PWM output is set LOW (with
PWML = 0). The pulse-width-ratio is therefore de-
fined by the contents of the corresponding Special
Function Register (PWM 0-3) of a PWM. By load-
ing the corresponding Special Function Register
(PWM 0-3) with either 00H or FFH, the PWM out-
put can be retained at a constant HIGH or LOW
level respectively (with PWML = 0).
For each PWM unit, there is a 16-bit Prescaler that
are used to divide the main system clock to form
the input clock for the corresponding PWM unit.
This prescaler is used to define the desired repeti-
tion rate for the PWM unit. SFR registers B1h -
B2h are used to hold the 16-bit divisor values.
The repetition frequency of the PWM output is giv-
en by:
fPWM8 =(fOSC / prescaler0) / (2 x 256)
And the input clock frequency to the PWM
counters is = fOSC / 2 / (prescaler data value + 1)
See the I/O PORTS (MCU Module), page 46 for
more information on how to configure the Port 4
pin as PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com