Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 79 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 79 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 75Page - STMicroelectronics UPSD323X Datasheet HTML 76Page - STMicroelectronics UPSD323X Datasheet HTML 77Page - STMicroelectronics UPSD323X Datasheet HTML 78Page - STMicroelectronics UPSD323X Datasheet HTML 79Page - STMicroelectronics UPSD323X Datasheet HTML 80Page - STMicroelectronics UPSD323X Datasheet HTML 81Page - STMicroelectronics UPSD323X Datasheet HTML 82Page - STMicroelectronics UPSD323X Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 176 page
background image
79/176
µPSD323X
Serial Status Register (SxSTA: S1STA, S2STA)
SxSTA is a “Read-only” register. The contents of
this register may be used as a vector to a service
routine. This optimized the response time of the
software and consequently that of the I2C-bus.
The status codes for all possible modes of the I2C-
bus interface are given Table 54.
This flag is set, and an interrupt is generated, after
any of the following events occur.
1. Own slave address has been received during
AA = 1: ack_int
2. The general call address has been received
while GC(SxADR.0) = 1 and AA = 1:
3. A data byte has been received or transmitted in
Master Mode (even if arbitration is lost): ack_int
4. A data byte has been received or transmitted as
selected slave: ack_int
5. A stop condition is received as selected slave
receiver or transmitter: stop_int
Data Shift Register (SxDAT: S1DAT, S2DAT)
SxDAT contains the serial data to be transmitted
or data which has just been received. The MSB
(Bit 7) is transmitted or received first; that is, data
shifted from right to left.
Table 53. Serial Status Register (SxSTA)
Table 54. Description of the SxSTA Bits
Note: 1. Interrupt Flag Bit (INTR, SxSTA Bit 5) is cleared by Hardware as reading SxSTA register.
2. I2C interrupt flag (INTR) can occur in below case. (except DDC2B Mode at SWENB= 0)
Table 55. Data Shift Register (SxDAT: S1DAT, S2DAT)
76543210
GC
STOP
INTR
TX_MODE
BBUSY
BLOST
/ACK_REP
SLV
Bit
Symbol
Function
7
GC
General Call Flag
6
STOP
Stop Flag. This bit is set when a STOP condition is received
5
INTR
Interrupt Flag. This bit is set when an I C Interrupt condition is requested
4
TX_MODE
Transmission Mode Flag.
This bit is set when the I C is a transmitter; otherwise this bit is reset
3
BBUSY
Bus Busy Flag.
This bit is set when the bus is being used by another master; otherwise, this bit is reset
2
BLOST
Bus Lost Flag.
This bit is set when the master loses the bus contention; otherwise this bit is reset
1
/ACK_REP
Acknowledge Response Flag.
This bit is set when the receiver transmits the not acknowledge signal
This bit is reset when the receiver transmits the acknowledge signal
0SLV
Slave Mode Flag.
This bit is set when the I C plays role in the Slave Mode; otherwise this bit is reset
76543210
SxDAT7
SxDAT6
SxDAT5
SxDAT4
SxDAT3
SxDAT2
SxDAT1
SxDAT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com