Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 80 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 80 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 76Page - STMicroelectronics UPSD323X Datasheet HTML 77Page - STMicroelectronics UPSD323X Datasheet HTML 78Page - STMicroelectronics UPSD323X Datasheet HTML 79Page - STMicroelectronics UPSD323X Datasheet HTML 80Page - STMicroelectronics UPSD323X Datasheet HTML 81Page - STMicroelectronics UPSD323X Datasheet HTML 82Page - STMicroelectronics UPSD323X Datasheet HTML 83Page - STMicroelectronics UPSD323X Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 176 page
background image
µPSD323X
80/176
Address Register (SxADR: S1ADR, S2ADR)
This 8-bit register may be loaded with the 7-bit
slave address to which the controller will respond
when programmed as a slave receive/transmitter.
The Start/Stop Hold Time Detection and System
Clock registers (Tables 57 and 58) are included in
the I2C unit to specify the start/stop detection time
to work with the large range of MCU frequency val-
ues supported. For example, with a system clock
of 40MHz.
Table 56. Address Register (SxADR)
Note: 1. SLA6 to SLA0: Own slave address.
Table 57. Start /Stop Hold Time Detection Register (S1SETUP, S2SETUP)
Table 58. System Cock of 40MHz
Table 59. System Clock Setup Examples
76543210
SLA6
SLA5
SLA4
SLA3
SLA2
SLA1
SLA0
—
Address
Register Name
Reset Value
Note
SFR
D1h
S1SETUP
00h
To control the start/stop hold time detection for the DDC module
in Slave Mode
D2h
S2SETUP
00h
To control the start/stop hold time detection for the multi-master
I C module in Slave Mode
S1SETUP,
S2SETUP Register
Value
Number of Sample
Clock (fOSC/2 ->
50ns)
Required Start/
Stop Hold Time
Note
00h
1EA
50ns
When Bit 7 (enable bit) = 0, the number of
sample clock is 1EA (ignore Bit 6 to Bit 0)
80h
1EA
50ns
81h
2EA
100ns
82h
3EA
150ns
...
...
...
8Bh
12EA
600ns
Fast Mode I C Start/Stop hold time specification
...
...
...
FFh
128EA
6000ns
System Clock
S1SETUP,
S2SETUP Register
Value
Number of Sample
Clock
Required Start/Stop Hold Time
40MHz (fOSC/2 -> 50ns)
8Bh
12 EA
600ns
30MHz (fOSC/2 -> 66.6ns)
89h
9 EA
600ns
20MHz (fOSC/2 -> 100ns)
86h
6 EA
600ns
8MHz (fOSC/2 -> 250ns)
83h
3 EA
750ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com