Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 86 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 82Page - STMicroelectronics UPSD323X Datasheet HTML 83Page - STMicroelectronics UPSD323X Datasheet HTML 84Page - STMicroelectronics UPSD323X Datasheet HTML 85Page - STMicroelectronics UPSD323X Datasheet HTML 86Page - STMicroelectronics UPSD323X Datasheet HTML 87Page - STMicroelectronics UPSD323X Datasheet HTML 88Page - STMicroelectronics UPSD323X Datasheet HTML 89Page - STMicroelectronics UPSD323X Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 176 page
background image
µPSD323X
86/176
Table 62. SWNEB Bit Function
SWENB
DDC1 or DDC2b Mode Disabled
DDC1 or DDC2b Mode Enabled
DDCCON.bit2 = 0 (DDC1 Mode Disable) or
S1CON.bit6 = 0 (I2C Mode Disable)
DDCCON.bit2 = 1 (DDC1 Mode Enable) or
S1CON.bit6 = 1 (I2C Mode Enable)
0
In this state, the DDC unit is disabled. The DDC
SRAM cannot be accessed by the MCU. No MCU
interrupt and no DDC activity will occur.
MCU cannot access internal DDC SRAM: DDC
SRAM address space is re-assigned to external
data space.
In this state, the DDC is enabled and the unit is in
automatic mode. The DDC SRAM cannot be
accessed by the MCU – only the DDC unit has
access.
MCU cannot access internal DDC SRAM: data
space FF00h-FFFFh is dedicated to DDC SRAM.
1
In this state, the DDC unit is disabled, BUT with
SWENB=1, the MCU can access the SRAM. This
state is used to load the DDC SRAM with the
correct data for automatic modes. No MCU
interrupt and no DDC activity will occur.
MCU can access DDC SRAM: data space FF00h-
FFFFh is dedicated to DDC SRAM.
In this state, the DDC SRAM can be accessed by
the MCU. The DDC unit does not use the DDC
SRAM when SWENB=1. Since the DDC unit is in
manual mode, the DDC unit generates an MCU
interrupt for each byte transferred. The byte
transferred is held in the I2C S1DAT SFR register.
MCU can access DDC SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com