Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 150 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 150 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 146Page - STMicroelectronics UPSD323X Datasheet HTML 147Page - STMicroelectronics UPSD323X Datasheet HTML 148Page - STMicroelectronics UPSD323X Datasheet HTML 149Page - STMicroelectronics UPSD323X Datasheet HTML 150Page - STMicroelectronics UPSD323X Datasheet HTML 151Page - STMicroelectronics UPSD323X Datasheet HTML 152Page - STMicroelectronics UPSD323X Datasheet HTML 153Page - STMicroelectronics UPSD323X Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 176 page
background image
µPSD323X
150/176
Table 113. DC Characteristics (3V Devices)
Symbol
Parameter
Test Condition
(in additio n to those in
Table 110, page 146)
Min.
Typ.
Max.
Unit
VIH
Input High Voltage (Ports 1, 2, 3,
4[Bits 7,6,5,4,3,1,0], A, B, C, D,
XTAL1, RESET)
3.0V < VCC < 3.6V
0.7VCC
VCC + 0.5
V
VIH1
Input High Voltage (Port 4[Bit 2])
3.0V < VCC < 3.6V
2.0
VCC + 0.5
V
VIL
Input High Voltage (Ports 1, 2, 3,
4[Bits 7,6,5,4,3,1,0], XTAL1,
RESET)
3.0V < VCC < 3.6V
VSS– 0.5
0.3VCC
V
VIL1
Input Low Voltage
(Ports A, B, C, D)
3.0V < VCC < 3.6V
–0.5
0.8
V
Input Low Voltage
(Port 4[Bit 2])
3.0V < VCC < 3.6V
VSS– 0.5
0.8
V
VOL
Output Low Voltage
(Ports A,B,C,D)
IOL =20µA
VCC = 3.0V
0.01
0.1
V
IOL = 4mA
VCC = 3.0V
0.15
0.45
V
VOL1
Output Low Voltage
(Ports 1,2,3,4, WR, RD)
IOL = 1.6mA
0.45
V
IOL = 100µA
0.3
V
VOL2
Output Low Voltage
(Port 0, ALE, PSEN)
IOL = 3.2mA
0.45
V
IOL = 200µA
0.3
V
VOH
Output High Voltage
(Ports A,B,C,D)
IOH = –20µA
VCC = 3.0V
2.9
2.99
V
IOH = –1mA
VCC = 3.0V
2.4
2.6
V
VOH1
Output High Voltage
(Ports 1,2,3,4, WR, RD)
IOH = –20µA
2.0
V
IOH = –10µA
2.7
V
VOH2
Output High Voltage (Port 0 in
ext. Bus Mode, ALE, PSEN))4
IOH = –800µA
2.0
V
IOH = –80µA
2.7
V
VOH3
Output High Voltage VSTBYON
IOH =–1µAVSTBY – 0.8
V
VLVR
Low Voltage Reset
0.1V hysteresis
2.3
2.5
2.7
V
VOP
XTAL Open Bias Voltage
(XTAL1, XTAL2)
IOL = 3.2mA
1.0
2.0
V
VLKO
VCC(min) for Flash Erase and
Program
1.5
2.2
V
VSTBY
SRAM (PSD) Stand-by Voltage
2.0
VCC
V
VDF
SRAM (PSD) Data Retention
Voltage
Only on VSTBY
2V
IIL
Logic ’0’ Input Current
(Ports 1,2,3,4)
VIN = 0.45V
(0V for Port 4[pin 2])
–1
–50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com