Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 158 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 158 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 154Page - STMicroelectronics UPSD323X Datasheet HTML 155Page - STMicroelectronics UPSD323X Datasheet HTML 156Page - STMicroelectronics UPSD323X Datasheet HTML 157Page - STMicroelectronics UPSD323X Datasheet HTML 158Page - STMicroelectronics UPSD323X Datasheet HTML 159Page - STMicroelectronics UPSD323X Datasheet HTML 160Page - STMicroelectronics UPSD323X Datasheet HTML 161Page - STMicroelectronics UPSD323X Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 176 page
background image
µPSD323X
158/176
Figure 79. Synchronous Clock Mode Timing – PLD
Table 123. CPLD Macrocell Synchronous Clock Mode Timing (5V Devices)
Note: 1. Fast Slew Rate output available on PA3-PA0, PB3-PB0, and PD2-PD1. Decrement times by given amount.
2. CLKIN (PD1) tCLCL =tCH +tCL.
Symbol
Parameter
Conditio ns
Min
Max
PT
Aloc
Turbo
Off
Slew
rate1
Unit
fMAX
Maximum Frequency
External Feedback
1/(tS+tCO)
40.0
MHz
Maximum Frequency
Internal Feedback (fCNT)
1/(tS+tCO–10)
66.6
MHz
Maximum Frequency
Pipelined Data
1/(tCH+tCL)
83.3
MHz
tS
Input Setup Time
12
+ 2
+ 10
ns
tH
Input Hold Time
0
ns
tCH
Clock High Time
Clock Input
6
ns
tCL
Clock Low Time
Clock Input
6
ns
tCO
Clock to Output Delay
Clock Input
13
– 2
ns
tARD
CPLD Array Delay
Any macrocell
11
+ 2
ns
tMIN
Minimum Clock Period 2
tCH+tCL
12
ns
tCH
tCL
tCO
tH
tS
CLKIN
INPUT
REGISTERED
OUTPUT
AI02860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com