Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 165 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 165 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 161Page - STMicroelectronics UPSD323X Datasheet HTML 162Page - STMicroelectronics UPSD323X Datasheet HTML 163Page - STMicroelectronics UPSD323X Datasheet HTML 164Page - STMicroelectronics UPSD323X Datasheet HTML 165Page - STMicroelectronics UPSD323X Datasheet HTML 166Page - STMicroelectronics UPSD323X Datasheet HTML 167Page - STMicroelectronics UPSD323X Datasheet HTML 168Page - STMicroelectronics UPSD323X Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 176 page
background image
165/176
µPSD323X
Figure 84. Peripheral I/O WRITE Timing
Table 133. Port A Peripheral Data Mode WRITE Timing (5V Devices)
Note: 1. Data stable on Port 0 pins to data on Port A.
Table 134. Port A Peripheral Data Mode WRITE Timing (3V Devices)
Note: 1. Data stable on Port 0 pins to data on Port A.
Symbol
Parameter
Condit ions
Min
Max
Unit
tWLQV–PA
WR to Data Propagation Delay
25
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 1)
22
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
20
ns
Symbol
Parameter
Condit ions
Min
Max
Unit
tWLQV–PA
WR to Data Propagation Delay
42
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 1)
38
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
33
ns
tDVQV (PA)
tWLQV
(PA)
tWHQZ (PA)
ADDRESS
DATA OUT
A / D BUS
WR
PORT A
DATA OUT
ALE
AI06611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com