Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPSD323X Datasheet(PDF) 175 Page - STMicroelectronics

Part # UPSD323X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 64Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD323X Datasheet(HTML) 175 Page - STMicroelectronics

Back Button UPSD323X Datasheet HTML 168Page - STMicroelectronics UPSD323X Datasheet HTML 169Page - STMicroelectronics UPSD323X Datasheet HTML 170Page - STMicroelectronics UPSD323X Datasheet HTML 171Page - STMicroelectronics UPSD323X Datasheet HTML 172Page - STMicroelectronics UPSD323X Datasheet HTML 173Page - STMicroelectronics UPSD323X Datasheet HTML 174Page - STMicroelectronics UPSD323X Datasheet HTML 175Page - STMicroelectronics UPSD323X Datasheet HTML 176Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 175 / 176 page
background image
175/176
µPSD323X
REVISION HISTORY
Table 145. Document Revision History
Table 146. Device Functional Change History
Note: Date Code is the 6th to the 9th digit of the Trace Code on top of the device.
Date
Rev. #
Revision Details
21-Jun-2002
1.0
First Issue
18-Oct-2002
2.0
Document promoted to full datasheet
27-Nov-2002
2.1
uPSD3200 datasheet split into uPSD323x and uPSD325x
Functiona l Change
After Date Code 0242
Date Code 0242 and before
PWM Block
An 8-bit, Programmable PWM 4 channel
and the associated registers are added.
Only PWM0-PWM3 channels are available.
DDC SRAM Mapping
When DDC is disabled, the data space
FF00h-FFFFh assigned to DDC SRAM is
available for external data mapping. The
SWENB Bit definition in the DDCON
Register is modified.
Data space FF00h-FFFFh is dedicated to
DDC SRAM.
USB Reset Function
1. Option to block USB generated reset
from resetting the MCU/PSD modules.
2. Allow USB Reset Flag (RSTF) to interrupt
MCU.
3. Add RSTE and RSTFIE Bits to the UIEN
Interrupt Enable Register.
USB-generated reset always resets both,
the USB and the MCU/PSD modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com