Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 9 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 9 Page - ams AG

Back Button AS1313 Datasheet HTML 5Page - ams AG AS1313 Datasheet HTML 6Page - ams AG AS1313 Datasheet HTML 7Page - ams AG AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG AS1313 Datasheet HTML 10Page - ams AG AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ams Datasheet
Page 9
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Typical Operating Characteristics
Figure 9:
Maximum Output Current vs. Input Voltage
Figure 10:
Efficiency vs. Input Voltage, VOUT = 1.8V
Maximum Output Current vs. Input
Voltage: This figure shows the IOUT_MAX
vs. the Input Voltage for VOUT = 1.8V and
VOUT = 3.0V at TAMB = 25°C with the coil
LPS4018-682.
Efficiency vs. Input Voltage: This figure
shows the Efficiency vs. the Input
Voltage for various Output Currents. All
measurements were done with a
VOUT = 1.8V at TAMB = 25°C with the coil
LPS4018-682.
0
0,05
0,1
0,15
0,2
0,25
0,3
23
45
6
Input Voltage (V)
Ioutmax @ 1.8V
Ioutmax @ 3.0V
0
10
20
30
40
50
60
70
80
90
100
23456
Input Voltage (V)
Iout = 10uA
Iout = 100uA
Iout = 1mA
Iout = 10mA
Iout = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com