Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 17 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 17 Page - ams AG

Back Button AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG AS1313 Datasheet HTML 16Page - ams AG AS1313 Datasheet HTML 17Page - ams AG AS1313 Datasheet HTML 18Page - ams AG AS1313 Datasheet HTML 19Page - ams AG AS1313 Datasheet HTML 20Page - ams AG AS1313 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ams Datasheet
Page 17
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Application Information
The AS1313 is an ideal solution for Li-ion and coin cell powered
devices as blood glucose meters, remote controls, hearing aids,
wireless mouse or any light-load application.
Figure 17:
Typical Application Circuit
Typical Application: This figure shows the typical application of the DC-DC Step Down Converter for 8-pin MLPD
package and 6-pin WL-CSP.
Application Information
LX
OUT
EN
L1
6.8µH
CREF
100nF
REF
VIN
GND
ON
OFF
VIN
2.4V to 5.5V
AS1313
VOUT
1.2V to 3.6V
0V
PWR_VIN
PWR_GND
0V
8-pin MLPD
COUT
22µF
CIN
22µF
LX
OUT
EN
L1
6.8µH
COUT
22µF
CREF
100nF
REF
VIN
GND
ON
OFF
VIN
2.4V to 5.5V
AS1313
VOUT
1.2V to 3.6V
0V
0V
6-pin WL-CSP
CIN
22µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com