Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 15 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 15 Page - ams AG

Back Button AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG AS1313 Datasheet HTML 16Page - ams AG AS1313 Datasheet HTML 17Page - ams AG AS1313 Datasheet HTML 18Page - ams AG AS1313 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ams Datasheet
Page 15
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Detailed Description
Capacitors
The AS1313 requires 3 capacitors. Recommended ceramic X5R
or X7R types will minimize ESL and ESR while maintaining
capacitance at rated voltage over temperature.
The input capacitor supports the triangular current during the
on-time of SW1 and maintains a broadly constant input voltage
during this time. The capacitance value is obtained from
choosing a ripple voltage during the on-time of SW1.
Using tON = 1μs, ICOIL = 400mA and VRIPPLE = 50mV, EQ5 yields:
CIN = 8μF.
Because ceramic capacitors lose a lot of their initial capacitance
at their maximum rated voltage, it is recommended that either
a higher input capacity or a capacitance with a higher rated
voltage is used. A 22
μF cap for CIN is recommended.
Additionally, ripple voltage is generated by the equivalent
series resistance (ESR) of the capacitor.
The output capacitor supports the triangular current during the
off-time SW1 (coil discharge period), and also the load current
during the wait time (Region C) and the idle time (Region D).
Using tWAIT = 100μs, tIDLE = 500μs, IOUT = 1mA and
VOUT_nom = 3.3V, EQ7 yields:
COUT = 9μF.
Due to the DC bias of the cap and to sustain also load steps, the
COUT should be between 22μF and 47μF. A larger output
capacitor should be used if lower peak to peak output voltage
ripple is desired. A larger output capacitor will also improve
load regulation on VOUT.
(EQ5)
CIN
ICOIL
VRIPPLE
--------------------- t
ON
⋅
=
(EQ6)
VRIPPLE ESR
–
ICOIL RESR
⋅
=
(EQ7)
COUT
IOUT
0.02 VOUT nom
–
⋅
-------------------------------------------
tWAIT tIDLE
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com