Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 3 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 3 Page - ams AG

  AS1313 Datasheet HTML 1Page - ams AG AS1313 Datasheet HTML 2Page - ams AG AS1313 Datasheet HTML 3Page - ams AG AS1313 Datasheet HTML 4Page - ams AG AS1313 Datasheet HTML 5Page - ams AG AS1313 Datasheet HTML 6Page - ams AG AS1313 Datasheet HTML 7Page - ams AG AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ams Datasheet
Page 3
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Pin Assignment
The AS1313 pin assignment is described below.
Figure 3:
Pin Assignment for MLPD and WL-CSP
Pin Assignment: Shows the TOP view pin assignment of the AS1313.
Figure 4:
Pin Description
Note(s) and/or Footnote(s):
1. This pin should not be left floating.
Pin Number
Pin
Name
Pin
Type
Description
MLPD
WL-CSP
1-
PWR_GND
GND
Ground. Connect to GND; only available in MLPD package
2A3
LX
DO
Switch Node Connection to Coil. This pin connects to the
drains of the internal main and synchronous power MOSFET
switches.
3-
PWR_VIN
S
Power Input Supply. Connect to VIN; only available in MLPD
package
4B2
VIN
S
Battery Voltage Input. Decouple VIN with a 22μF ceramic
capacitor as close as possible to VIN and GND.
5B1
EN
DI
Enable Input. Logic controlled shutdown input.(1)
1 = Normal Operation
0 = Shutdown
6A1
OUT
AI
Output Voltage. An internal resistor divider steps the output
voltage down for comparison to the internal reference
voltage.
7A2
REF
AIO
Reference. Connect a 100nF capacitor to this pin
8B3
GND
GND
Ground
9-
GND
Exposed Pad. This pad is not connected internally. This pin
also functions as a heat sink. Solder it to a large pad or to the
circuit-board ground plane to maximize power dissipation.
Pin Assignment
1
2
3
4
AS1313
MLPD 8-pin 2x2mm
Exposed pad: GND
9
REF
GND
PWR_GND
LX
PWR_VIN
VIN
OUT
EN
8
7
6
5
A1
OUT
B3
GND
A3
LX
A2
REF
B2
VIN
B1
EN
Pin A1
indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com