Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 1 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 1 Page - ams AG

  AS1313 Datasheet HTML 1Page - ams AG AS1313 Datasheet HTML 2Page - ams AG AS1313 Datasheet HTML 3Page - ams AG AS1313 Datasheet HTML 4Page - ams AG AS1313 Datasheet HTML 5Page - ams AG AS1313 Datasheet HTML 6Page - ams AG AS1313 Datasheet HTML 7Page - ams AG AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ams Datasheet
Page 1
[v1-43] 2015-Jul-23
Document Feedback
AS1313
Ultra Low Quiescent Current, DC-DC
Step Down Converter
The AS1313 is an ultra-low quiescent current hysteretic
step-down DC-DC converter optimized for light loads and with
efficiencies of up to 95%.
AS1313 operates from a 2.4V to 5.5V supply and supports
output voltages between 1.2V and 3.6V. Besides the available
AS1313 standard variants, any variant with output voltages in
50mV steps are available.
In order to save power the AS1313 features a shutdown mode,
where it draws less than 100nA. During shutdown mode the
battery is disconnected from the output.
In light load operation, the device enters an idle mode when
most of the internal operating blocks are turned off in order to
save power. This mode is active approximately 100μs after a
current pulse provided that the output is in regulation. The
capacitor connected to the REF pin is an essential part of this
feature.
The AS1313 is available in an 8-pin MLPD (2mm x 2mm) and a
6-pin WL-CSP (0.4mm pitch).
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1313, Ultra Low Quiescent
Current, DC-DC Step Down Converter are listed below:
Figure 1:
Added Value of Using AS1313
Benefits
Features
Ideal for single Li-Ion battery powered applications
• Wide input voltage range (2.4V to 5.5V)
Extended battery life
• High efficiency up to 95%
Less power consumption
• Low quiescent current of typ. 1μA
• Low shutdown current of less than 100nA
Supports a variety of end applications
• Fixed output voltage range (1.2V to 3.6V)
• Output current of 150mA
Over–temperature protection and shutdown
• Integrated temperature monitoring
Cost effective, small package
• 6-pin WL-CSP with 0.4mm pitch
• 8-pin MLPD (2mm x 2mm)
General Description


Similar Part No. - AS1313

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1310 AMSCO-AS1310 Datasheet
453Kb / 15P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310 AMSCO-AS1310 Datasheet
399Kb / 30P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
2015-Jan-28
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
AS1310-BTDT-18 AMSCO-AS1310-BTDT-18 Datasheet
1Mb / 20P
Ultra Low Quiescent Current, Hysteretic DC-DC Step-Up Converter
More results

Similar Description - AS1313

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
Wide supply voltage range: 2.4V to 5V
logo
Maxim Integrated Produc...
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
logo
Shanghai Leiditech Elec...
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
Input Voltage Range: 2.5V to 5.5V
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com