Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 16 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 16 Page - ams AG

Back Button AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG AS1313 Datasheet HTML 16Page - ams AG AS1313 Datasheet HTML 17Page - ams AG AS1313 Datasheet HTML 18Page - ams AG AS1313 Datasheet HTML 19Page - ams AG AS1313 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-43] 2015-Jul-23
AS1313 − Detailed Description
Figure 16:
Recommended Input & Output Capacitors
For CREF a 100nF cap (X5R or better) is recommended.
Part Number
C
TC
Code
Voltage
Rating
Size in mm
(L/W/H)
Manufacturer
GRM21BR60J226ME39L
22μF
X5R
6.3V
2x1.25x1.25
Murata
www.murata.com
GRM31CR61A226ME19L
22μF
X5R
10V
3.2x1.6x1.6
12066D226KAT_A
22μF
X5R
6.3V
3.2x1.6x1.78
AVX
www.avx.com
1210ZD226KAT_A
22μF
X5R
10V
3.2x1.6x1.78
1210YD226KAT_A
22μF
X5R
16V
3.2x1.6x1.78
C2012X5R0J226K/1.25
22μF
X5R
6.3V
2x1.2x1.25
TDK
www.tdk.com
C2012X5R1A226K/1.25
22μF
X5R
10V
2x1.2x1.25
C2012X5R1C226K
22μF
X5R
16V
2x1.2x1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com