Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 12 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 12 Page - ams AG

Back Button AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG AS1313 Datasheet HTML 10Page - ams AG AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG AS1313 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-43] 2015-Jul-23
AS1313 − Detailed Description
When SW1 is open and SW2 is closed, the coil gets discharged,
works like a voltage supply and forces the current through
RLOAD and SW2. With neglecting the resistive voltage drop over
SW2 the voltage across the coil is:
Similar to the expression above, the ICOIL generated while SW2
is closed (tOFF) can be expressed as:
The increasing coil current during the charging (SW1 closed)
and the decreasing coil current during the discharging of the
coil (SW2 closed) must be the same. Hence, it’s easy to calculate
the duty cycle of SW1.
Based on the EQ1, the on time of SW1 can be given by:
Figure 14:
Simplified Voltage and Current Diagram
Timing Diagram: This figure shows the relationship between the current and the voltages inside the loop within
the switching cycle.
VCOIL off
–
VOUT
=
(EQ2)
ICOIL
VOUT
L
-------------- t
OFF
⋅
=
(EQ3)
ICOIL
VIN VOUT
–
L
------------------------------ t
ON
⋅
VOUT
L
-------------- t
OFF
⋅


VOUT
VIN
--------------
tON
tON tOFF
+
--------------------------
=


==
(EQ4)
tON
L
VIN VOUT
–
------------------------------ I
COIL
⋅
=
IPK
t
0
0
V
I
C
A
B
B
A
D
VOUT_nom
VIN
VCOIL
-VOUT
VCOIL
VIN
t
ICOIL
ILOAD
400mA
VIDLE
tON
tOFF
tIDLE
tWAIT
SW1 on
SW2 off
SW1 off
SW2 on
SW1 off
SW2 off
tON
tOFF
SW1 on
SW2 off
SW1 off
SW2 on
VOUT_ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com