Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 2 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 2 Page - ams AG

  AS1313 Datasheet HTML 1Page - ams AG AS1313 Datasheet HTML 2Page - ams AG AS1313 Datasheet HTML 3Page - ams AG AS1313 Datasheet HTML 4Page - ams AG AS1313 Datasheet HTML 5Page - ams AG AS1313 Datasheet HTML 6Page - ams AG AS1313 Datasheet HTML 7Page - ams AG AS1313 Datasheet HTML 8Page - ams AG AS1313 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-43] 2015-Jul-23
AS1313 − General Description
Applications
The AS1313 is an ideal solution for Li-Ion and coin cell powered
devices as:
• Blood glucose meters
• Remote controls
• Hearing aids
• Wireless mouse or any light-load application
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
AS1313 Block Diagram
Logic
PDRV
NDRV
Ipk Det
Zero
Cross
Det
REF
Overtemp
Shdn
Int
LDO
UVLO
OUT
GND
LX
REF
EN
VIN
AS1313
CREF
100nF
CIN
22µF
L1 6.8µH
VOUT
VIN 2.4V to 5.5V
COUT
22µF
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com