Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 13 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 13 Page - ams AG

Back Button AS1313 Datasheet HTML 9Page - ams AG AS1313 Datasheet HTML 10Page - ams AG AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG AS1313 Datasheet HTML 16Page - ams AG AS1313 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ams Datasheet
Page 13
[v1-43] 2015-Jul-23
Document Feedback
AS1313 − Detailed Description
If the VOUT falls below the VOUT_nom, SW1 closes and the coil
current increases until the max. coil current of 400mA is
reached. During this time tON, the VOUT increases. With reaching
the 400mA, the switch SW1 opens immediately, the SW2 closes
and the coil current decreases down till it reaches the zero line.
After this, SW2 opens and if the VOUT is then above the
VOUT_nom, no further pulse is needed, both switches remain in
their open position, hence no coil current is flowing. In this
phase the needed output power only comes out of the COUT.
This time is called tWAIT, which takes ~100us. If the VOUT falls
below VOUT_nom within the time tWAIT, the SW1 closes and the
charging cycle starts again.
If the VOUT is still higher than VOUT_nom after tWAIT is elapsed,
then the AS1313 falls into an idle mode, which results in a
reduction of the quiescent current. Once, the AS1313 is in this
idle mode, the idle-comparator is comparing VOUT with VIDLE
(98% of VOUT_nom) and SW1 closes as soon as the VOUT reaches
this threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com