Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1313 Datasheet(PDF) 14 Page - ams AG

Part # AS1313
Description  Wide input voltage range (2.4V to 5.5V)
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1313 Datasheet(HTML) 14 Page - ams AG

Back Button AS1313 Datasheet HTML 10Page - ams AG AS1313 Datasheet HTML 11Page - ams AG AS1313 Datasheet HTML 12Page - ams AG AS1313 Datasheet HTML 13Page - ams AG AS1313 Datasheet HTML 14Page - ams AG AS1313 Datasheet HTML 15Page - ams AG AS1313 Datasheet HTML 16Page - ams AG AS1313 Datasheet HTML 17Page - ams AG AS1313 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-43] 2015-Jul-23
AS1313 − Detailed Description
External Component Selection
Inductors
For best efficiency, choose an inductor with high frequency core
material, such as ferrite, to reduce core losses. The inductor
should have low DCR (DC resistance) to reduce the I²R losses,
and must be able to handle the peak inductor current without
saturating. A 6.8μH inductor with at least 500mA current rating
and DCR of 500mΩ (max) is recommended.
Figure 15:
Recommended Inductors
Part Number
L
DCR
Current
Rating
Size in mm
(L/W/H)
Manufacturer
ELLVEG6R8N
6.8μH
0.35Ω
0.58A
3x3x1
Panasonic
www.industrial.panasonic.com
ELLVFG6R8MC
6.8μH
0.23Ω
0.6A
3x3x1.2
ELLVGG6R8N
6.8μH
0.23Ω
1A
3x3x1.5
LQH3NPN6R8MM0
6.8μH
0.24Ω
1A
3x3x1.4
Murata
www.murata.com
LQH3NPN6R8NM0
6.8μH
0.24Ω
1A
3x3x1.4
LQH3NPN6R8MJ0
6.8μH
0.252Ω
0.85A
3x3x1.1
LQH3NPN6R8NJ0
6.8μH
0.252Ω
0.85A
3x3x1.1
LQH3NPN6R8MMR
6.8μH
0.186Ω
1.25A
3x3x1.1
VLS2012ET-6R8M
6.8μH
0.498
0.57A
2x2x1.2
TDK
www.tdk.com
VLS252015ET-6R8M
6.8μH
0.48
0.85A
2.5x2x1.5
VLS3010ET-6R8M
6.8μH
0.312
0.69A
3x3x1
VLS3012ET-6R8M
6.8μH
0.228
0.81A
3x3x1.2
VLS3015ET-6R8M
6.8μH
0.216
0.92A
3x3x1.5
LPS4018-682ML
6.8μH
0.15
1.2A
4x4x1.7
Coilcraft
www.coilcraft.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com