Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 15 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 15 Page - ams AG

Back Button AS7262 Datasheet HTML 11Page - ams AG AS7262 Datasheet HTML 12Page - ams AG AS7262 Datasheet HTML 13Page - ams AG AS7262 Datasheet HTML 14Page - ams AG AS7262 Datasheet HTML 15Page - ams AG AS7262 Datasheet HTML 16Page - ams AG AS7262 Datasheet HTML 17Page - ams AG AS7262 Datasheet HTML 18Page - ams AG AS7262 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
ams Datasheet
Page 15
[v1-00] 2016-Dec-16
Document Feedback
AS7262 − Detailed Description
Figure 15:
Photo Diode Array
Figure 16:
Bank Mode and Data Conversion
G
Y
B
O
V
R
Photo Diode Array
BANK Mode 0
One Conversion
V, B, G, Y
Integration Time
G, Y, O, R
One Conversion
BANK Mode 1
Integration Time
V, B, G, Y
1st Conversion
BANK Mode 2
Integration Time
G, Y, O, R
2nd Conversion
Integration Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com