Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 29 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 29 Page - ams AG

Back Button AS7262 Datasheet HTML 25Page - ams AG AS7262 Datasheet HTML 26Page - ams AG AS7262 Datasheet HTML 27Page - ams AG AS7262 Datasheet HTML 28Page - ams AG AS7262 Datasheet HTML 29Page - ams AG AS7262 Datasheet HTML 30Page - ams AG AS7262 Datasheet HTML 31Page - ams AG AS7262 Datasheet HTML 32Page - ams AG AS7262 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
ams Datasheet
Page 29
[v1-00] 2016-Dec-16
Document Feedback
AS7262 − Detailed Description
Figure 28:
Sensor Calibrated Data Registers
Addr: 0x14:0x17
V_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
V_Cal
R
Channel V Calibrated Data (floating point)
Addr: 0x18:0x1B
B_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
B_Cal
R
Channel B Calibrated Data (floating point)
Addr: 0x1C:0x1F
G_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
G_Cal
R
Channel G Calibrated Data (floating point)
Addr: 0x20:0x23
Y_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
Y_Cal
R
Channel Y Calibrated Data (floating point)
Addr: 0x24:0x27
O_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
O_Cal
R
Channel O Calibrated Data (floating point)
Addr: 0x28:0x2B
R_Cal
Bit
Bit Name
Default
Access
Bit Description
31:0
R_Cal
R
Channel R Calibrated Data (floating point)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com