Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 16 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 16 Page - ams AG

Back Button AS7262 Datasheet HTML 12Page - ams AG AS7262 Datasheet HTML 13Page - ams AG AS7262 Datasheet HTML 14Page - ams AG AS7262 Datasheet HTML 15Page - ams AG AS7262 Datasheet HTML 16Page - ams AG AS7262 Datasheet HTML 17Page - ams AG AS7262 Datasheet HTML 18Page - ams AG AS7262 Datasheet HTML 19Page - ams AG AS7262 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − Detailed Description
RC Oscillator
The timing generation circuit consists of an on-chip 16MHz,
temperature compensated oscillator, which provides the
master clock for the AS7262.
Temperature Sensor
The temperature sensor is constantly measuring the on-chip
temperature and enables temperature compensation
procedures.
Reset
Pulling down the RESN pin for longer than 100ms resets the
AS7262.
Figure 17:
Reset Circuit
Indicator LED
The LED, connected to pin LED_IND, can be used to indicate
programming progress of the device.
While programming the AS7262 via the external SD card the
indicator LED starts flashing (500ms pulses). When
programming is completed the indicator LED is switched off.
The LED (LED0) can be turned ON/OFF via AT commands or via
I²C register control. The LED sink current is programmable from
1mA, 2mA, 4mA and 8mA.
Reset
AS7262
Spectral_ID
Engine
RESN
Push > 100ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com