Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 2 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 2 Page - ams AG

  AS7262 Datasheet HTML 1Page - ams AG AS7262 Datasheet HTML 2Page - ams AG AS7262 Datasheet HTML 3Page - ams AG AS7262 Datasheet HTML 4Page - ams AG AS7262 Datasheet HTML 5Page - ams AG AS7262 Datasheet HTML 6Page - ams AG AS7262 Datasheet HTML 7Page - ams AG AS7262 Datasheet HTML 8Page - ams AG AS7262 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − General Description
Applications
The AS7262 applications include:
• Portable spectrometry
• Horticulture
• Color matching and identification
• Authentication and brand protection
• Precision color tuning/calibration
Block Diagram
The system blocks of this device are shown below.
Figure 2:
AS7262 Visible Spectral_ID System
100nF
RX / SCL_S
GND
LED_DRV
SCK
CSN_EE
MISO
MOSI
VDD1
VDD2
AS7262
μP
10μF
3V
3V
TX / SDA_S
LED_IND
3V
Flash
Memory
6-channel
Visible
Sensor
Light
Source
Light in
Reflective
Surface
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com