Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 22 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 22 Page - ams AG

Back Button AS7262 Datasheet HTML 18Page - ams AG AS7262 Datasheet HTML 19Page - ams AG AS7262 Datasheet HTML 20Page - ams AG AS7262 Datasheet HTML 21Page - ams AG AS7262 Datasheet HTML 22Page - ams AG AS7262 Datasheet HTML 23Page - ams AG AS7262 Datasheet HTML 24Page - ams AG AS7262 Datasheet HTML 25Page - ams AG AS7262 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − Detailed Description
I²C Virtual Register Set
Figure 20 provides a summary of the AS7262 I²C register set.
Figures after that provide additional register details. All register
data is hex, and all multi-byte entities are Big Endian (most
significant byte is situated at the lowest register address).
Multiple byte registers (2 byte integer, or, 4 byte floating point)
must be read in the order of ascending register addresses (low
to high). And if capable of being written to, must also be written
in the order of ascending register addresses.
Figure 20:
I²C Virtual Register Set Overview
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>
Version Registers
0x00:0x01
HW_Version
Hardware Version
0x02:0x03
FW_Version
Firmware Version
Control Registers
0x04
Control_Setup
RST
INT
GAIN
Bank
DATA_RDY
RSVD
0x05
INT_T
Integration Time
0x06
Device_Temp
Device Temperature
0x07
LED_Control
RSVD
ICL_DRV
LED_DRV
ICL_IND
LED_IND
Sensor Raw Data Registers
0x08
V_High
Channel V High Data Byte
0x09
V_Low
Channel V Low Data Byte
0x0A
B_High
Channel B High Data Byte
0x0B
B_Low
Channel B Low Data Byte
0x0C
G_High
Channel G High Data Byte
0x0D
G_Low
Channel G Low Data Byte
0x0E
Y_High
Channel Y High Data Byte
0x0F
Y_Low
Channel Y Low Data Byte
0x10
O_High
Channel O High Data Byte
0x11
O_Low
Channel O Low Data Byte
0x12
R_High
Channel R High Data Byte
0x13
R_Low
Channel R Low Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com