Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 3 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 3 Page - ams AG

  AS7262 Datasheet HTML 1Page - ams AG AS7262 Datasheet HTML 2Page - ams AG AS7262 Datasheet HTML 3Page - ams AG AS7262 Datasheet HTML 4Page - ams AG AS7262 Datasheet HTML 5Page - ams AG AS7262 Datasheet HTML 6Page - ams AG AS7262 Datasheet HTML 7Page - ams AG AS7262 Datasheet HTML 8Page - ams AG AS7262 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ams Datasheet
Page 3
[v1-00] 2016-Dec-16
Document Feedback
AS7262 − Pin Assignments
The device pin assignments are described below.
Figure 3:
Pin Diagram of AS7262 (Top View)
Figure 4:
Pin Description of AS7262
Pin Number
Pin Name
Description
1
NF
Not Functional. Do not connect.
2RESN
Reset, Active LOW
3
SCK
SPI Serial Clock
4MOSI
SPI Master Out Slave In
5MISO
SPI Master In Slave Out
6CSN_EE
Chip Select for external serial Flash memory, Active LOW
7
CSN_SD
Chip Select for SD Card Interface, Active LOW
8
I²C_ENB
Select UART (Low) or I²C (High) Operation
9
NF
Not Functional. Do not connect.
10
NF
Not Functional. Do not connect.
11
RX/SCL_S
RX (UART) or SCL_S (I²C Slave) Depending on I²C_ENB
12
TX/SDA_S
TX (UART) or SDA_S (I²C Slave) Depending on I²C_ENB
13
INT
Interrupt, Active LOW
14
VDD2
Voltage Supply
Pin Assignments
1
5
610
11
15
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com