Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 20 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 20 Page - ams AG

Back Button AS7262 Datasheet HTML 16Page - ams AG AS7262 Datasheet HTML 17Page - ams AG AS7262 Datasheet HTML 18Page - ams AG AS7262 Datasheet HTML 19Page - ams AG AS7262 Datasheet HTML 20Page - ams AG AS7262 Datasheet HTML 21Page - ams AG AS7262 Datasheet HTML 22Page - ams AG AS7262 Datasheet HTML 23Page - ams AG AS7262 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − Detailed Description
I²C Virtual Register Read Access
I²C Virtual Register Byte Read shows the pseudocode necessary
to read virtual registers on the AS7262. Note that in this case,
reading a virtual register, the register address is not modified.
I²C Virtual Register Byte Read
Pseudocode
Poll I²C slave STATUS register;
If TX_VALID bit is 0, the virtual register address for the read may be written;
Send a virtual register address;
Poll I²C slave STATUS register;
If RX_VALID bit is 1, the read data is ready;
Read the data.
Sample Code:
uint8_t i2cm_AS72xx_read(uint8_t virtualReg)
{
volatile uint8_t status, d;
while (1)
{
// Read slave I²C status to see if the read buffer is ready.
status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG);
if ((status & I2C_AS72XX_SLAVE_TX_VALID) == 0)
// No inbound TX pending at slave. Okay to write now.
break;
}
// Send the virtual register address (setting bit 7 to indicate a pending write).
i2cm_write(I2C_AS72XX_SLAVE_WRITE_REG, virtualReg);
while (1)
{
// Read the slave I²C status to see if our read data is available.
status = i2cm_read(I2C_AS72XX_SLAVE_STATUS_REG);
if ((status & I2C_AS72XX_SLAVE_RX_VALID) != 0)
// Read data is ready.
break;
}
// Read the data to complete the operation.
d = i2cm_read(I2C_AS72XX_SLAVE_READ_REG);
return d; s
}
The details of the i2cm_read() and i2cm_write()
functions in previous Figures are dependent upon the nature
and implementation of the external I²C master device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com