Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 46 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 46 Page - ams AG

Back Button AS7262 Datasheet HTML 39Page - ams AG AS7262 Datasheet HTML 40Page - ams AG AS7262 Datasheet HTML 41Page - ams AG AS7262 Datasheet HTML 42Page - ams AG AS7262 Datasheet HTML 43Page - ams AG AS7262 Datasheet HTML 44Page - ams AG AS7262 Datasheet HTML 45Page - ams AG AS7262 Datasheet HTML 46Page - ams AG AS7262 Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − Content Guide
1
General Description
1
Key Benefits & Features
2
Applications
2
Block Diagram
3
Pin Assignments
5Absolute Maximum Ratings
6
Electrical Characteristics
8
Timing Characteristics
11
Optical Characteristics
12
Typical Optical Characteristics
13
Detailed Description
13
6-Channel Visible Spectral_ID Detector
14
Data Conversion Description
16
RC Oscillator
16
Temperature Sensor
16
Reset
16
Indicator LED
17
Electronic Shutter with LED_DRV Driver Control
17
Interrupt Operation
17
I²C Slave Interface
18
I²C Feature List
18
I²C Virtual Register Write Access
19
I²C Virtual Register Byte Write
20
I²C Virtual Register Read Access
20
I²C Virtual Register Byte Read
21
4-Byte Floating-Point (FP) Registers
22
I²C Virtual Register Set
24
Detailed Register Description
30
UART Interface
30
UART Feature List
30
Theory of Operation
30
Transmission
30
Reception
31
AT Command Interface
34
Application Information
34
Schematic
34
PCB Layout
35
Package Drawings & Markings
36
PCB Pad Layout
37
Mechanical Data
38
Soldering & Storage Information
38
Soldering Information
39
Manufacturing Process Considerations
39
Storage Information
39
Moisture Sensitivity
39
Shelf Life
40
Floor Life
40
Rebaking Instructions
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com