Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 32 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 32 Page - ams AG

Back Button AS7262 Datasheet HTML 28Page - ams AG AS7262 Datasheet HTML 29Page - ams AG AS7262 Datasheet HTML 30Page - ams AG AS7262 Datasheet HTML 31Page - ams AG AS7262 Datasheet HTML 32Page - ams AG AS7262 Datasheet HTML 33Page - ams AG AS7262 Datasheet HTML 34Page - ams AG AS7262 Datasheet HTML 35Page - ams AG AS7262 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − Detailed Description
Figure 31:
AT Commands
Command
Response
Description/Parameters
Spectral Data per Channel
ATDATA
<V_value>,
<B_value>,
<G_value>,
<Y_value>,
<O_value>,
<R_value> OK
Read V, B, G, Y, O & R data. Returns comma-separated
16-bit integers.
ATCDATA
<Cal_V_value>,
<Cal_B_value>,
<Cal_G_value>,
<Cal_Y_value>,
<Cal_O_value>,
<Cal_R_value> OK
Read calibrated V, B, G, Y, O & R data. Returns
comma-separated 32-bit floating point values.
Sensor Configuration
ATINTTIME=<value>OK
Set sensor integration time. Values should be in the range
[1..255], with integration time = <value> * 2.8ms
ATINTTIME
<value> OK
Read sensor integration time, with
integration time = <value> * 2.8ms
ATGAIN=<value>
OK
Set sensor gain: 0=1x, 1=3.7x, 2=16x, 3=64x
ATGAIN
<value>OK
Read sensor gain setting, returning 0, 1, 2, or 3 as defined
immediately above.
ATTEMP
<value>OK
Read temperature of chip in degree Celsius
ATTCSMD=<value>
OK
Set Sensor Mode
0 = BANK Mode 0;
1 = BANK Mode 1;
2 = BANK Mode 2;
3 = BANK Mode 3 One-Shot;
4 = Sensors OFF
In One-Shot mode, each ATTCSMD=3 command triggers a
One-Shot reading
ATTCSMD
<value> OK
Read Sensor Mode, see above
ATBURST=<value>
OK
<value>= # of samples
(ATBURST=1 means run until ATBURST=0 is received (a
special case for continuous output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com