Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 18 Page - ams AG

Part # AS7262
Description  6 visible channels: 450nm, 500nm, 550nm, 570nm, 600nm and 650nm, each with 40nm FWHM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7262 Datasheet(HTML) 18 Page - ams AG

Back Button AS7262 Datasheet HTML 14Page - ams AG AS7262 Datasheet HTML 15Page - ams AG AS7262 Datasheet HTML 16Page - ams AG AS7262 Datasheet HTML 17Page - ams AG AS7262 Datasheet HTML 18Page - ams AG AS7262 Datasheet HTML 19Page - ams AG AS7262 Datasheet HTML 20Page - ams AG AS7262 Datasheet HTML 21Page - ams AG AS7262 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2016-Dec-16
AS7262 − Detailed Description
I²C Feature List
• Fast mode (400kHz) and standard mode (100kHz) support.
• 7+1-bit addressing mode.
• Write format: Byte.
• Read format: Byte.
• SDA input delay and SCL spike filtering by integrated
RC-components.
Figure 18:
I²C Slave Device Address and Physical Registers
I²C Virtual Register Write Access
I²C Virtual Register Byte Write shows the pseudocode necessary
to write virtual registers on the AS7262. Note that, because the
actual registers of interest are realized as virtual registers, a
means of indicating whether there is a pending read or write
operation of a given virtual register is needed. To convey this
information, the most significant bit of the virtual register
address is used as a marker. If it is 1, then a write is pending,
otherwise the slave is expecting a virtual read operation. The
pseudocode illustrates the proper technique for polling of the
I²C slave status register to ensure the slave is ready for each
transaction.
Entity
Description
Note
Device Slave Address
8-bit Slave Address
Byte = 1001001x (device address = 49 hex)
x= 1 for Master Read (byte = 93 hex)
x= 0 for Master Write (byte = 92 hex)
STATUS Register
I²C slave interface
STATUS register
Read-only
Register Address = 0x00
Bit 1: TX_VALID
0
→ New data may be written to WRITE register
1
→ WRITE register occupied. Do NOT write.
Bit 0: RX_VALID
0
→ No data is ready to be read in READ register.
1
→ Data byte available in READ register.
WRITE Register
I²C slave interface
WRITE register
Write-only
Register Address = 0x01
8-Bits of data written by the I²C Master intended
for receipt by the I²C slave. Used for both virtual
register addresses and write data.
READ Register
I²C slave interface
READ register
Read-only
Register Address = 0x02
8-Bits of data to be read by the I²C Master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com