Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 25 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 25 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 21Page - Microchip Technology P12C508 Datasheet HTML 22Page - Microchip Technology P12C508 Datasheet HTML 23Page - Microchip Technology P12C508 Datasheet HTML 24Page - Microchip Technology P12C508 Datasheet HTML 25Page - Microchip Technology P12C508 Datasheet HTML 26Page - Microchip Technology P12C508 Datasheet HTML 27Page - Microchip Technology P12C508 Datasheet HTML 28Page - Microchip Technology P12C508 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
© 1996 Microchip Technology Inc.
Advance Information
DS40139A-page 25
PIC12C5XX
7.0
SPECIAL FEATURES OF THE
CPU
What
sets
a
microcontroller
apart
from
other
processors are special circuits to deal with the needs
of real-time applications. The PIC12C5XX family of
microcontrollers has a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power
saving operating modes and offer code protection.
These features are:
• Oscillator selection
• Reset
- Power-On Reset (POR)
- Device Reset Timer (DRT)
- Wake-up from SLEEP on pin change
• Watchdog Timer (WDT)
• SLEEP
• Code protection
• ID locations
• In-circuit Serial Programming
The PIC12C5XX has a Watchdog Timer which can be
shut off only through configuration bit WDTE. It runs
off of its own RC oscillator for added reliability. If using
XT or LP selectable oscillator options, there is always
an 18 ms delay provided by the Device Reset Timer
(DRT), intended to keep the chip in reset until the
crystal oscillator is stable. If using INTRC or EXTRC
there is an 18 ms delay only on VDD power-up. With
this timer on-chip, most applications need no external
reset circuitry.
The SLEEP mode is designed to offer a very low
current power-down mode. The user can wake-up
from SLEEP through a change on input pins or
through a Watchdog Timer time-out. Several oscillator
options are also made available to allow the part to fit
the application, including an internal 4 MHz oscillator.
The EXTRL RC oscillator option saves system cost
while the LP crystal option saves power. A set of
configuration bits are used to select various options.
7.1
Configuration Bits
The PIC12C5XX configuration word consists of 5 bits.
Configuration bits can be programmed to select
various device configurations. Two bits are for the
selection of the oscillator type, one bit is the Watchdog
Timer enable bit, and one bit is the MCLR enable bit.
One bit is the code protection bit (Figure 7-1).
OTP
devices
have
the
oscillator
configuration
programmed at the factory and these parts are tested
accordingly (see “Product Identification System” on
the inside back cover).
FIGURE 7-1:
CONFIGURATION WORD FOR PIC12C508 OR PIC12C509
—
—
—
—
—
—
—
MCLRE
CP
WDTE FOSC1 FOSC0
Register:
CONFIG
Address(1):
FFFh
bit11
10
987654321
bit0
bit 11-5:
Unimplemented
bit 4:
MCLRE: MCLR enable bit.
1 = MCLR enabled
0 = MCLR disabled
bit 3:
CP: Code protection bit.
1 = Code protection off
0 = Code protection on
bit 2:
WDTE: Watchdog timer enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator selection bits
11 = EXTRC - external RC oscillator
10 = INTRC - internal RC oscillator
01 = XT oscillator
00 = LP oscillator
Note 1:
Refer to the PIC12C5XX Programming Specifications to determine how to access the
configuration word. This register is not user addressable during device operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com