Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 13 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 13 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 9Page - Microchip Technology P12C508 Datasheet HTML 10Page - Microchip Technology P12C508 Datasheet HTML 11Page - Microchip Technology P12C508 Datasheet HTML 12Page - Microchip Technology P12C508 Datasheet HTML 13Page - Microchip Technology P12C508 Datasheet HTML 14Page - Microchip Technology P12C508 Datasheet HTML 15Page - Microchip Technology P12C508 Datasheet HTML 16Page - Microchip Technology P12C508 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
© 1996 Microchip Technology Inc.
Advance Information
DS40139A-page 13
PIC12C5XX
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions to control the
operation of the device (Table 4-1).
The special registers can be classified into two sets.
The special function registers associated with the
“core” functions are described in this section. Those
related to the operation of the peripheral features are
described in the section for each peripheral feature.
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
Value on
Wake-up on
Pin Change
N/A
TRIS
I/O control registers
--11 1111
--11 1111
--11 1111
N/A
OPTION
Contains control bits to configure Timer0, Timer0/WDT
prescaler, interrupt on change, and weak pull-ups
1111 1111
1111 1111
1111 1111
00h
INDF
Uses contents of FSR to address data memory (not a physical
register)
xxxx xxxx
uuuu uuuu
uuuu uuuu
01h
TMR0
8-bit real-time clock/counter
xxxx xxxx
uuuu uuuu
uuuu uuuu
02h(1)
PCL
Low order 8 bits of PC
1111 1111
1111 1111
1111 1111
03h
STATUS
GPWUF
—
PA0
TO
PD
ZDC
C
0001 1xxx
000q quuu
100q quuu
04h
FSR
(12C508)
Indirect data memory address pointer
111x xxxx
111u uuuu
111u uuuu
04h
FSR
(12C509)
Indirect data memory address pointer
110x xxxx
11uu uuuu
11uu uuuu
04h
FSR
Indirect data memory address pointer
1xxx xxxx
1uuu uuuu
1uuu uuuu
05h
OSCCAL
CAL7
CAL6
CAL5
CAL4
—
—
—
—
0111 ----
uuuu ----
uuuu ----
06h
GPIO
—
—
GP5
GP4
GP3
GP2
GP1
GP0
--xx xxxx
--uu uuuu
--uu uuuu
Legend: Shaded boxes = unimplemented or unused, — = unimplemented, read as '0' (if applicable)
x
= unknown, u = unchanged, q = see the tables in Section 7.7 for possible values.
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.5
for an explanation of how to access these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com