Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 54 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 54 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 50Page - Microchip Technology P12C508 Datasheet HTML 51Page - Microchip Technology P12C508 Datasheet HTML 52Page - Microchip Technology P12C508 Datasheet HTML 53Page - Microchip Technology P12C508 Datasheet HTML 54Page - Microchip Technology P12C508 Datasheet HTML 55Page - Microchip Technology P12C508 Datasheet HTML 56Page - Microchip Technology P12C508 Datasheet HTML 57Page - Microchip Technology P12C508 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
PIC12C5XX
DS40139A-page 54
Advance Information
© 1996 Microchip Technology Inc.
10.1
DC CHARACTERISTICS:
PIC12508/509 (Commercial)
PIC12508/509 (Industrial)
DC Characteristics
Power Supply Pins
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
0
°C ≤ TA ≤ +70°C (commercial)
–40
°C ≤ TA ≤ +85°C (industrial)
Characteristic
Sym
Min
Typ(1)
Max
Units
Conditions
Supply Voltage
VDD
2.5
5.5
V
FOSC = DC to 4 MHz
RAM Data Retention
Voltage(2)
VDR
1.5*
V
Device in SLEEP mode
VDD Start Voltage to ensure
Power-on Reset
VPOR
VSS
V
See section on Power-on Reset for details
VDD Rise Rate to ensure
Power-on Reset
SVDD
0.05*
V/ms
See section on Power-on Reset for details
Supply Current(3)
IDD
—
—
—
—
1.8
1.8
15
19
2.4
2.4
27
35
mA
mA
µA
µA
XT and EXTRC options (Note 4)
FOSC = 4 MHz, VDD = 5.5 V
INTRC Option
FOSC = 4 MHz, VDD = 5.5 V
LP OPTION, Commercial Temperature
FOSC = 32 kHz, VDD = 3.0 V, WDT disabled
LP OPTION, Industrial Temperature
FOSC = 32 kHz, VDD = 3.0 V, WDT disabled
Power-Down Current (5)
WDT Enabled
WDT Disabled
IPD
—
—
—
—
4
5
0.25
0.3
12
14
4
5
µA
µA
µA
µA
VDD = 3.0 V, Commercial
VDD = 3.0 V, Industrial
VDD = 3.0 V, Commercial
VDD = 3.0 V, Industrial
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design guid-
ance only and is not tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern, and temperature also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to
Vss, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that
the device is in SLEEP mode.
4: Does not include current through Rext. The current through the resistor can be estimated by the
formula: IR = VDD/2Rext (mA) with Rext in kOhm.
5: The power down current in SLEEP mode does not depend on the oscillator type. Power down current is mea-
sured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com