Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 34 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 34 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 30Page - Microchip Technology P12C508 Datasheet HTML 31Page - Microchip Technology P12C508 Datasheet HTML 32Page - Microchip Technology P12C508 Datasheet HTML 33Page - Microchip Technology P12C508 Datasheet HTML 34Page - Microchip Technology P12C508 Datasheet HTML 35Page - Microchip Technology P12C508 Datasheet HTML 36Page - Microchip Technology P12C508 Datasheet HTML 37Page - Microchip Technology P12C508 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
PIC12C5XX
DS40139A-page 34
Advanced Information
© 1996 Microchip Technology Inc.
7.7
Time-Out Sequence, Power Down,
and Wake-up from SLEEP Status Bits
(TO/PD/GPWUF)
The TO, PD, and GPWUF bits in the STATUS register
can be tested to determine if a RESET condition has
been caused by a power-up condition, a MCLR or
Watchdog Timer (WDT) reset, or a MCLR or WDT
reset.
These STATUS bits are only affected by events listed
in Table 7-7.
Table 7-4 lists the reset conditions for the special
function registers, while Table 7-3 lists the reset
conditions for all the registers.
TABLE 7-6:
TO/PD/GPWUF STATUS
AFTER RESET
GPWUF
TO
PD
RESET caused by
00
0
WDT wake-up from
SLEEP
00
1
WDT time-out (not from
SLEEP)
01
0
MCLR wake-up from
SLEEP
01
1
Power-up
0u
u
MCLR not during SLEEP
11
0
Wake-up from SLEEP on
pin change
Legend:
Legend: u = unchanged
Note 1:
The TO, PD, and GPWUF bits main-
tain their status (u) until a reset
occurs. A low-pulse on the MCLR
input does not change the TO, PD,
and GPWUF status bits.
TABLE 7-7:
EVENTS AFFECTING TO/PD
STATUS BITS
Event
GPWUF
TO
PD
Remarks
Power-up
01
1
WDT Time-out
00
u
No effect
on PD
SLEEP instruction
u1
0
CLRWDT
instruction
u1
1
Wake-up from
SLEEP on pin
change
11
0
Legend: u = unchanged
A WDT time-out will occur regardless of the status of the
TO bit. A SLEEP instruction will be executed, regardless of
the status of the PD bit. Table 7-6 reflects the status of TO
and PD after the corresponding event.
7.8
Reset on Brown-Out
A brown-out is a condition where device power (VDD)
dips below its minimum value, but not to zero, and
then recovers. The device should be reset in the event
of a brown-out.
To reset PIC12C5XX devices when a brown-out
occurs, external brown-out protection circuits may be
built, as shown in Figure 7-13 and Figure 7-14.
FIGURE 7-13: BROWN-OUT PROTECTION
CIRCUIT 1
FIGURE 7-14: BROWN-OUT PROTECTION
CIRCUIT 2
This circuit will activate reset when VDD goes below Vz +
0.7V (where Vz = Zener voltage).
*Refer to Figure 7-7 and Table 10-5 for internal weak pull-
up on MCLR.
33k
10k
40k*
VDD
MCLR
PIC12C5XX
VDD
Q1
This brown-out circuit is less expensive, although
less accurate. Transistor Q1 turns off when VDD
is below a certain level such that:
*Refer to Figure 7-7 and Table 10-5 for internal weak
pull-up on MCLR.
VDD •
R1
R1 + R2
= 0.7V
R2
40k
VDD
MCLR
PIC12C5XX
R1
Q1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com