Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 53 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 53 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 49Page - Microchip Technology P12C508 Datasheet HTML 50Page - Microchip Technology P12C508 Datasheet HTML 51Page - Microchip Technology P12C508 Datasheet HTML 52Page - Microchip Technology P12C508 Datasheet HTML 53Page - Microchip Technology P12C508 Datasheet HTML 54Page - Microchip Technology P12C508 Datasheet HTML 55Page - Microchip Technology P12C508 Datasheet HTML 56Page - Microchip Technology P12C508 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
PIC12C5XX
DS40139A-page 53
Advance Information
© 1996 Microchip Technology Inc.
10.0
ELECTRICAL CHARACTERISTICS - PIC12C5XX
Absolute Maximum Ratings†
Ambient Temperature under bias ............................................................................................................. –40˚C to +85˚C
Storage Temperature.............................................................................................................................. –65˚C to +150˚C
Voltage on VDD with respect to VSS ................................................................................................................ 0 to +7.5 V
Voltage on MCLR with respect to VSS(2) .......................................................................................................... 0 to +14 V
Voltage on all other pins with respect to VSS ............................................................................... –0.6 V to (VDD + 0.6 V)
Total Power Dissipation(1) ................................................................................................................................... 700 mW
Max. Current out of VSS pin.................................................................................................................................. 200 mA
Max. Current into VDD pin .................................................................................................................................... 150 mA
Max. Current into VDD pin (Vclamp active)........................................................................................................... 100 mA
Input Clamp Current, IIK (VI < 0 or VI > VDD)
.....................................................................................................................±20 mA
Output Clamp Current, IOK (VO < 0 or VO > VDD)
.............................................................................................................±20 mA
Max. Output Current sunk by any I/O pin ............................................................................................................... 25 mA
Max. Output Current sourced by any I/O pin.......................................................................................................... 25 mA
Max. Output Current sourced by I/O port (PORTA).............................................................................................. 100 mA
Max. Output Current sourced by I/O port with VDD clamp active(PORTA)............................................................. 50 mA
Max. Output Current sunk by I/O port (PORTA ) .................................................................................................. 100 mA
Note 1: Power Dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
Note 2: Voltage spikes below Vss at the MCLR pin, inducing currents greater than 80 mA may cause latch-up. Thus,
a series resistor of 50 to 100W should be used when applying a low level to the MCLR pin rather than pulling
this pin directly to Vss.
†NOTICE: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com